Electronic Components Datasheet Search
  English  ▼

X  

LTC2202 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC2202
Description  16-Bit, 20Msps Low Noise Dual ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2202 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC2202 Datasheet HTML 21Page - Linear Technology LTC2202 Datasheet HTML 22Page - Linear Technology LTC2202 Datasheet HTML 23Page - Linear Technology LTC2202 Datasheet HTML 24Page - Linear Technology LTC2202 Datasheet HTML 25Page - Linear Technology LTC2202 Datasheet HTML 26Page - Linear Technology LTC2202 Datasheet HTML 27Page - Linear Technology LTC2202 Datasheet HTML 28Page - Linear Technology LTC2202 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
25
2270f
LTC2270
Digital Output Randomizer
Interference from the A/D digital outputs is sometimes
unavoidable. Digital interference may be from capacitive or
inductive coupling or coupling through the ground plane.
Even a tiny coupling factor can cause unwanted tones
in the ADC output spectrum. By randomizing the digital
output before it is transmitted off chip, these unwanted
tones can be randomized which reduces the unwanted
tone amplitude.
The digital output is randomized by applying an exclusive-
OR logic operation between the LSB and all other data
output bits. To decode, the reverse operation is applied
– an exclusive-OR operation is applied between the LSB
and all other bits. The LSB, OF and CLKOUT outputs are
not affected. The output randomizer is enabled by serially
programming mode control register A4.
Alternate Bit Polarity
Another feature that reduces digital feedback on the circuit
board is the alternate bit polarity mode. When this mode is
enabled, all of the odd bits (D1, D3, D5, D7, D9, D11, D13,
D15) are inverted before the output buffers. The even bits
(D0, D2, D4, D6, D8, D10, D12, D14), OF and CLKOUT are
not affected. This can reduce digital currents in the circuit
board ground plane and reduce digital noise, particularly
for very small analog input signals.
When there is a very small signal at the input of the A/D
that is centered around mid-scale, the digital outputs toggle
between mostly 1’s and mostly 0’s. This simultaneous
switching of most of the bits will cause large currents in the
ground plane. By inverting every other bit, the alternate bit
polarity mode makes half of the bits transition high while
half of the bits transition low. This cancels current flow in
the ground plane, reducing the digital noise.
The digital output is decoded at the receiver by inverting
the odd bits (D1, D3, D5, D7, D9, D11, D13, D15.) The
alternate bit polarity mode is independent of the digital
output randomizer – either, both or neither function can
be on at the same time. The alternate bit polarity mode is
enabled by serially programming mode control register A4.
APPLICATIONS INFORMATION
CLKOUT
CLKOUT
OF
D15/D0
D14/D0
D2/D0
D1/D0
D0
2270 F15
OF
D15
D14
D2
D1
D0
RANDOMIZER
ON
D15
FPGA
PC BOARD
D14
D2
D1
D0
2270 F16
D0
D1/D0
D2/D0
D14/D0
D15/D0
OF
CLKOUT
LTC2270
Figure 15. Functional Equivalent of Digital Output Randomizer
Figure 16. Decoding a Randomized Digital Output Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com