Electronic Components Datasheet Search
  English  ▼

X  

LTC2202 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC2202
Description  16-Bit, 20Msps Low Noise Dual ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2202 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC2202 Datasheet HTML 22Page - Linear Technology LTC2202 Datasheet HTML 23Page - Linear Technology LTC2202 Datasheet HTML 24Page - Linear Technology LTC2202 Datasheet HTML 25Page - Linear Technology LTC2202 Datasheet HTML 26Page - Linear Technology LTC2202 Datasheet HTML 27Page - Linear Technology LTC2202 Datasheet HTML 28Page - Linear Technology LTC2202 Datasheet HTML 29Page - Linear Technology LTC2202 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
LTC2270
26
2270f
allowed so the on-chip references can settle from the
slight temperature shift caused by the change in supply
current as the A/D leaves nap mode. Either channel 2 or
both channels can be placed in nap mode; it is not possible
to have channel 1 in nap mode and channel 2 operating
normally.
Sleep mode and nap mode are enabled by mode control
register A1 (serial programming mode), or by SDI and
SDO (parallel programming mode).
DEVICE PROGRAMMING MODES
The operating modes of the LTC2270 can be programmed
by either a parallel interface or a simple serial interface.
The serial interface has more flexibility and can program
all available modes. The parallel interface is more limited
and can only program some of the more commonly used
modes.
Parallel Programming Mode
To use the parallel programming mode, PAR/SER should
be tied to VDD. The CS, SCK, SDI and SDO pins are binary
logic inputs that set certain operating modes. These pins
can be tied to VDD or ground, or driven by 1.8V, 2.5V, or
3.3V CMOS logic. When used as an input, SDO should
be driven through a 1k series resistor. Table 2 shows the
modes set by CS, SCK, SDI and SDO.
Table 2. Parallel Programming Mode Control Bits (PAR/SER = VDD)
PIN
DESCRIPTION
CS
Clock Duty Cycle Stabilizer Control Bit
0 = Clock Duty Cycle Stabilizer Off
1 = Clock Duty Cycle Stabilizer On
SCK
Digital Output Mode Control Bit
0 = Full-Rate CMOS Output Mode
1 = Double Data Rate LVDS Output Mode
(3.5mA LVDS Current, Internal Termination Off)
SDI/SDO Power Down Control Bit
00 = Normal Operation
01 = Channel 1 in Normal Operation, Channel 2 in Nap Mode
10 = Channel 1 and Channel 2 in Nap Mode
11 = Sleep Mode (Entire Device Powered Down)
APPLICATIONS INFORMATION
Digital Output Test Patterns
To allow in-circuit testing of the digital interface to the
A/D, there are several test modes that force the A/D data
outputs (OF, D15-D0) to known values:
All 1s: All outputs are 1
All 0s: All outputs are 0
Alternating: Outputs change from all 1s to all 0s on
alternating samples.
Checkerboard: Outputs change from
10101010101010101 to 01010101010101010 on
alternating samples.
The digital output test patterns are enabled by serially
programming mode control register A4. When enabled,
the Test Patterns override all other formatting modes: 2’s
complement, randomizer, alternate bit polarity.
Output Disable
The digital outputs may be disabled by serially program-
ming mode control register A3. All digital outputs including
OF and CLKOUT are disabled. The high-impedance disabled
state is intended for in-circuit testing or long periods of
inactivity – it is too slow to multiplex a data bus between
multiple converters at full speed. When the outputs are
disabled both channels should be put into either sleep or
nap mode.
Sleep and Nap Modes
The A/D may be placed in sleep or nap modes to conserve
power. In sleep mode the entire device is powered down,
resulting in 0.5mW power consumption. The amount of
time required to recover from sleep mode depends on the
size of the bypass capacitors on VREF, REFH, and REFL.
For the suggested values in Fig. 8, the A/D will stabilize
after 2ms.
In nap mode the A/D core is powered down while the internal
reference circuits stay active, allowing faster wakeup than
from sleep mode. Recovering from nap mode requires at
least 100 clock cycles. If the application demands very
accurate DC settling then an additional 50μs should be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com