Electronic Components Datasheet Search
  English  ▼

X  

LTC4265 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4265
Description  Quad PoE/PoE/LTPoE PSE Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4265 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4265 Datasheet HTML 3Page - Linear Technology LTC4265 Datasheet HTML 4Page - Linear Technology LTC4265 Datasheet HTML 5Page - Linear Technology LTC4265 Datasheet HTML 6Page - Linear Technology LTC4265 Datasheet HTML 7Page - Linear Technology LTC4265 Datasheet HTML 8Page - Linear Technology LTC4265 Datasheet HTML 9Page - Linear Technology LTC4265 Datasheet HTML 10Page - Linear Technology LTC4265 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTC4266A/LTC4266C
7
4266acfc
TYPICAL PERFORMANCE CHARACTERISTICS
Power-On Sequence in
AUTO Pin Mode
Powering Up into a 180μF Load
802.3af Classification in
AUTO Pin Mode
2-Event Classification in
AUTO Pin Mode
Classification Transient Response
to 40mA Load Step
Classification Current Compliance
VDD Supply Current vs Voltage
VEE Supply Current vs Voltage
802.3at ILIM Threshold
vs Temperature
100ms/DIV
–70
–60
10
0
–10
–20
–30
–40
–50
4266AC G01
PORT 1
VDD = 3.3V
VEE = –54V
FORCED CURRENT DETECTION
FORCED VOLTAGE
DETECTION
802.3af
CLASSIFICATION
POWER ON
GND
VEE
5ms/DIV
GND
0mA
4266AC G02
VEE
VEE
GATE
VOLTAGE
10V/DIV
PORT
CURRENT
200 mA/DIV
PORT
VOLTAGE
20V/DIV
FOLDBACK
FET ON
425mA
CURRENT LIMIT
LOAD
FULLY
CHARGED
VDD = 3.3V
VEE = –54V
5ms/DIV
VEE
–18.4
PORT
VOLTAGE
10V/DIV
GND
4266AC G03
PORT 1
VDD = 3.3V
VEE = –55V
PD IS CLASS 1
10ms/DIV
VEE
–17.6
PORT
VOLTAGE
10V/DIV
GND
4266AC G04
PORT 1
VDD = 3.3V
VEE = –55V
PD IS CLASS 4
1ST CLASS EVENT
2ND CLASS EVENT
50μs/DIV
40mA
0mA
4266AC G05
–20V
PORT
VOLTAGE
1V/DIV
PORT
CURRENT
20mA/DIV
VDD = 3.3V
VEE = –54V
CLASSIFICATION CURRENT (mA)
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
010
20
30
4266AC G06
40
50
60
70
VDD = 3.3V
VEE = –54V
TA = 25°C
VDD SUPPLY VOLTAGE (V)
2.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
2.9
3.1
3.3
3.5
4266AC G07
3.7
3.9
4.1
4.3
–40°C
25°C
85°C
VEE SUPPLY VOLTAGE (V)
–60
2.0
2.1
2.2
2.3
2.4
–55 –50 –45 –40
4266 G08
–35 –30 –25 –20
–40°C
25°C
85°C
TEMPERATURE (°C)
–40
210
211
213
212
214
215
840
844
852
848
856
860
040
4266AC G09
–80
120
VDD = 3.3V
VEE = –54V
RSENSE = 0.25Ω
REG 48h = C0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com