Electronic Components Datasheet Search
  English  ▼

X  

LTC4265 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4265
Description  Quad PoE/PoE/LTPoE PSE Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4265 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4265 Datasheet HTML 5Page - Linear Technology LTC4265 Datasheet HTML 6Page - Linear Technology LTC4265 Datasheet HTML 7Page - Linear Technology LTC4265 Datasheet HTML 8Page - Linear Technology LTC4265 Datasheet HTML 9Page - Linear Technology LTC4265 Datasheet HTML 10Page - Linear Technology LTC4265 Datasheet HTML 11Page - Linear Technology LTC4265 Datasheet HTML 12Page - Linear Technology LTC4265 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LTC4266A/LTC4266C
9
4266acfc
TYPICAL PERFORMANCE CHARACTERISTICS
ADC Noise Histogram
Current Readback in Slow Mode
ADC Integral Nonlinearity
Current Readback in Slow Mode
ADC Noise Histogram Port
Voltage Readback in Fast Mode
ADC Integral Nonlinearity
Voltage Readback in Fast Mode
ADC Noise Histogram Port
Voltage Readback in Slow Mode
ADC Integral Nonlinearity
Voltage Readback in Slow Mode
INTandSDAOUTPull-DownVoltage
vs Load Current
MOSFET Gate Drive with Fast
Pull-Down
ADC OUTPUT
0
300
250
200
150
100
50
6139
6141
4266AC G17
6143
6145
6147
VSENSEn – VEE = 110.4mV
CURRENT SENSE RESISTOR INPUT VOLTAGE (mV)
0
0
0.5
400
4266AC G18
–0.5
–1.0
100
200 250
500
1.0
300
50
150
450
350
ADC OUTPUT
260
0
600
500
400
300
200
100
262
261
263
4266AC G19
264
265
AGND – VOUTn = 48.3V
PORT VOLTAGE (V)
0
0
0.5
50
4266AC G20
–0.5
–1.0
20
30
60
1.0
40
10
ADC OUTPUT
8532
0
600
500
400
300
200
100
8534
8533
8535
4266AC G21
8536
AGND – VOUTn = 48.3V
PORT VOLTAGE (V)
0
0
0.5
50
4266AC G22
–0.5
–1.0
20
30
60
1.0
40
10
LOAD CURRENT (mA)
0
0
3
2.5
2
1.5
1
0.5
10
5
15
4266AC G23
20
25
30
35
40
100μs/DIV
GND
0mA
4266AC G24
VEE
VEE
PORT
CURRENT
500mA/DIV
GATE
VOLTAGE
10V/DIV
PORT
VOLTAGE
20V/DIV
CURRENT LIMIT
50Ω FAULT REMOVED
50Ω
FAULT
APPLIED
VDD = 3.3V
VEE = –54V
FAST PULL-DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com