Electronic Components Datasheet Search
  English  ▼

X  

LTC4267 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4267
Description  Quad PoE/PoE/LTPoE PSE Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4267 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4267 Datasheet HTML 10Page - Linear Technology LTC4267 Datasheet HTML 11Page - Linear Technology LTC4267 Datasheet HTML 12Page - Linear Technology LTC4267 Datasheet HTML 13Page - Linear Technology LTC4267 Datasheet HTML 14Page - Linear Technology LTC4267 Datasheet HTML 15Page - Linear Technology LTC4267 Datasheet HTML 16Page - Linear Technology LTC4267 Datasheet HTML 17Page - Linear Technology LTC4267 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LTC4266A/LTC4266C
14
4266acfc
PIN FUNCTIONS
GATE4: Port 4 Gate Drive. GATE4 should be connected
to the gate of the external MOSFET for port 4. When the
MOSFET is turned on, the gate voltage is driven to 12V
(typ) above VEE. During a current limit condition, the
voltage at GATE4 will be reduced to maintain constant
current through the external MOSFET. If the fault timer
expires, GATE4 is pulled down, turning the MOSFET off
and recording a tCUT or tSTART event. If the port is unused,
float the GATE4 pin.
OUT4: Port 4 Output Voltage Monitor. OUT4 should be
connected to the output port. A current limit foldback
circuit limits the power dissipation in the external MOSFET
by reducing the current limit threshold when the drain-to-
source voltage exceeds 10V. The port 4 Power Good bit is
set when the voltage from OUT4 to VEE drops below 2.4V
(typ). A 500k resistor is connected internally from OUT4
to AGND when the port is idle. If the port is unused, OUT4
pin must be floated.
SENSE3: Port 3 Current Sense Input. See SENSE4.
GATE3: Port 3 Gate Drive. See GATE4.
OUT3: Port 3 Output Voltage Monitor. See OUT4.
VEE: Main Supply Input. Connect to a –45V to –57V
supply, relative to AGND.
SENSE2: Port 2 Current Sense Input. See SENSE4.
GATE2: Port 2 Gate Drive. See GATE4.
OUT2: Port 2 Output Voltage Monitor. See OUT4.
SENSE1: Port 1 Current Sense Input. See SENSE4.
GATE1: Port 1 Gate Drive. See GATE 4.
OUT1: Port 1 Output Voltage Monitor. See OUT4.
AUTO: AUTO Pin Mode Input. AUTO pin mode allows the
LTC4266A/LTC4266C to detect and power up a PD even
if there is no host controller present on the I2C bus. The
voltage of the AUTO pin determines the state of the internal
registers when the LTC4266A/LTC4266C is reset or comes
out of VDD UVLO (see the LTC4266A/LTC4266C Software
Programming documentation). The states of these register
bits can subsequently be changed via the I2C interface.
The real-time state of the AUTO pin is read at bit 0 in the
Pin Status register (11h). Internally pulled down to DGND.
Must be tied locally to either VDD or DGND.
MSD: Maskable Shutdown Input. Active low. When pulled
low, all ports that have their corresponding mask bit set
in the Misc Config register (17h) will be reset, equivalent
to pulling the SHDN pin low. Internal filtering of the MSD
pin prevents glitches less than 1μs wide from resetting
ports. Internally pulled up to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com