Electronic Components Datasheet Search
  English  ▼

X  

LTC4267 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4267
Description  Quad PoE/PoE/LTPoE PSE Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4267 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4267 Datasheet HTML 14Page - Linear Technology LTC4267 Datasheet HTML 15Page - Linear Technology LTC4267 Datasheet HTML 16Page - Linear Technology LTC4267 Datasheet HTML 17Page - Linear Technology LTC4267 Datasheet HTML 18Page - Linear Technology LTC4267 Datasheet HTML 19Page - Linear Technology LTC4267 Datasheet HTML 20Page - Linear Technology LTC4267 Datasheet HTML 21Page - Linear Technology LTC4267 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LTC4266A/LTC4266C
18
4266acfc
APPLICATIONS INFORMATION
Operating Modes
The LTC4266A/LTC4266C include four independent ports,
each of which can operate in one of four modes: manual,
semi-auto, AUTO pin, or shutdown.
Table 2. Operating Modes
MODE
AUTO
PIN
OPMD
DETECT/
CLASS
POWER-UP
AUTOMATIC
ICUT/ILIM
ASSIGNMENT
AUTO Pin
1
11b
Enabled at
Reset
Automatically
Yes
Reserved
0
11b
N/A
N/A
N/A
Semi-auto
0
10b
Host
Enabled
Upon
Request
No
Manual
0
01b
Once Upon
Request
Upon
Request
No
Shutdown
0
00b
Disabled
Disabled
No
• In manual mode, the port waits for instructions from the
host system before taking any action. It runs a single
detection or classification cycle when commanded to
by the host, and reports the result in its Port Status
register. The host system can command the port to turn
on or off the power at any time. This mode should only
be used for diagnostic and test purposes.
• In semi-auto mode, the port repeatedly attempts to
detect and classify any PD attached to it. It reports the
status of these attempts back to the host, and waits for
a command from the host before turning on power to
the port. The host must enable detection (and optionally
classification) for the port before detection will start.
• AUTO pin mode operates the same as semi-auto mode
except that it will automatically turn on the power to the
port if detection is successful. In AUTO pin mode, ICUT
and ILIM values are set automatically by the LTC4266A/
LTC4266C. This operational mode is only valid if the
AUTO pin is high at reset or power-up and remains high
during operation.
• In shutdown mode, the port is disabled and will not
detect or power a PD.
Regardless of which mode it is in, the LTC4266A/LTC4266C
will remove power automatically from any port that gener-
ates a current limit fault. It will also automatically remove
power from any port that generates a disconnect event if
disconnect detection is enabled. The host controller may
also command the port to remove power at any time.
Reset and the AUTO/MID Pins
TheinitialLTC4266A/LTC4266Cconfigurationdependsonthe
state of the AUTO and MID pins during reset. Reset occurs
at power-up, or whenever the RESET pin is pulled low or
the global Reset All bit is set. Changing the state of AUTO
or MID after power-up will not properly change the port
behavior of the LTC4266A/LTC4266C until a reset occurs.
Although typically used with a host controller, the
LTC4266A/LTC4266C can also be used in a standalone
mode with no connection to the serial interface. If there is
no host present, the AUTO pin must be tied high so that, at
reset, all ports will be configured to operate automatically.
Each port will detect and classify repeatedly until a PD is
discovered, set ICUT and ILIM according to the classifica-
tion results, apply power after successful detection, and
remove power when a PD is disconnected.
Table 3 shows the ICUT and ILIM values that will be auto-
matically set in standalone (AUTO pin) mode, based on
the discovered class.
Table 3. ICUT and ILIM Values in Standalone AUTO Pin Mode
CLASS
ICUT
ILIM
Class 1
112mA
425mA
Class 2
206mA
425mA
Class 3 or Class 0
375mA
425mA
Class 4
638mA
850mA
The automatic setting of the ICUT and ILIM values only
occurs if the LTC4266A/LTC4266C is reset with the AUTO
pin high.
If the standalone application is a midspan, the MID pin must
be tied high to enable correct midspan detection timing.
DETECTION
Detection Overview
To avoid damaging network devices that were not designed
to tolerate DC voltage, a PSE must determine whether
the connected device is a real PD before applying power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com