Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4271
Description  Single PoE/PoE/LTPoE PSE Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4271 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4271 Datasheet HTML 4Page - Linear Technology LTC4271 Datasheet HTML 5Page - Linear Technology LTC4271 Datasheet HTML 6Page - Linear Technology LTC4271 Datasheet HTML 7Page - Linear Technology LTC4271 Datasheet HTML 8Page - Linear Technology LTC4271 Datasheet HTML 9Page - Linear Technology LTC4271 Datasheet HTML 10Page - Linear Technology LTC4271 Datasheet HTML 11Page - Linear Technology LTC4271 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LTC4274A/LTC4274C
8
4274acfc
TYPICAL PERFORMANCE CHARACTERISTICS
802.3af ILIM Threshold
vs Temperature
DC Disconnect Threshold
vs Temperature
Current Limit Foldback
ADC Noise Histogram
Current Readback in Fast Mode
ADC Integral Nonlinearity
Current Readback in Fast Mode
802.3at ICUT Threshold
vs Temperature
802.3af ICUT Threshold
vs Temperature
TEMPERATURE (°C)
–40
105.00
106.50
105.75
107.25
108.00
420
423
426
429
432
040
4274AC G10
80
120
VDD = 3.3V
VEE = –54V
RSENSE = 0.25Ω
REG 48h = 80h
TEMPERATURE (°C)
–40
158
161
160
159
162
163
630
636
640
648
644
652
040
4274AC G11
80
120
VDD = 3.3V
VEE = –54V
RSENSE = 0.25Ω
REG 47h = E2h
TEMPERATURE (°C)
–40
93.00
94.50
93.75
95.25
96.00
372
375
378
381
384
040
4274AC G12
80
120
VDD = 3.3V
VEE = –54V
RSENSE = 0.25Ω
REG 47h = D4h
TEMPERATURE (°C)
–40
7.00
7.50
7.25
7.75
8.00
1.7500
1.8125
1.8750
1.9375
2.0000
040
4274AC G13
80
120
VDD = 3.3V
VEE = –54V
RSENSE = 0.25Ω
REG 47h = E2h
VOUTn (V)
–54
0
900
800
700
600
500
400
300
200
100
0
225
200
175
150
125
100
75
50
25
–36
–45
–27
4274AC G14
–18
–9
0
VDD = 3.3V
VEE = –54V
RSENSE = 0.25Ω
REG 48h = C0h
ADC OUTPUT
191
0
400
350
300
250
200
150
100
50
193
192
194
4274AC G15
195
196
VSENSE – VEE = 110.4mV
CURRENT SENSE RESISTOR INPUT VOLTAGE (mV)
0
0
0.5
400
4274AC G16
–0.5
–1.0
100
200 250
500
1.0
300
50
150
450
350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com