Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC4271
Description  Single PoE/PoE/LTPoE PSE Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4271 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC4271 Datasheet HTML 21Page - Linear Technology LTC4271 Datasheet HTML 22Page - Linear Technology LTC4271 Datasheet HTML 23Page - Linear Technology LTC4271 Datasheet HTML 24Page - Linear Technology LTC4271 Datasheet HTML 25Page - Linear Technology LTC4271 Datasheet HTML 26Page - Linear Technology LTC4271 Datasheet HTML 27Page - Linear Technology LTC4271 Datasheet HTML 28Page - Linear Technology LTC4271 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
LTC4274A/LTC4274C
25
4274acfc
APPLICATIONS INFORMATION
VEE is the main supply that provides power to the PD.
Because it supplies a relatively large amount of power and
is subject to significant current transients, it requires more
design care than a simple logic supply. For minimum IR
loss and best system efficiency, set VEE near maximum
amplitude (57V), leaving enough margin to account for
transient over- or undershoot, temperature drift, and the
line regulation specs of the particular power supply used.
Bypass capacitance between AGND and VEE is very impor-
tant for reliable operation. If a short-circuit occurs at the
output port it can take as long as 1μs for the LTC4274A/
LTC4274C to begin regulating the current. During this
time the current is limited only by the small impedances
in the circuit and a high current spike typically occurs,
causing a voltage transient on the VEE supply and possibly
causing the LTC4274A/LTC4274C to reset due to a UVLO
fault. A 1μF, 100V X7R capacitor placed near the VEE pin
is recommended to minimize spurious resets.
Isolating the Serial Bus
The LTC4274A/LTC4274C includes a split SDA pin (SDAIN
and SDAOUT) to ease opto-isolation of the bidirectional
SDA line.
IEEE 802.3 Ethernet specifications require that network
segments (including PoE circuitry) be electrically isolated
from the chassis ground of each network interface device.
However, network segments are not required to be isolated
from each other, provided that the segments are connected
to devices residing within a single building on a single
power distribution system.
For simple devices such as small PoE switches, the isola-
tion requirement can be met by using an isolated main
power supply for the entire device. This strategy can be
used if the device has no electrically conducting ports
other than twisted-pair Ethernet. In this case, the SDAIN
and SDAOUT pins can be tied together and will act as a
standard I2C/SMBus SDA pin.
If the device is part of a larger system, contains additional
external non-Ethernet ports, or must be referenced to
protective ground for some other reason, the Power over
Ethernet subsystem (including all LTC4274A/LTC4274Cs)
must be electrically isolated from the rest of the system.
Figure 16 shows a typical isolated serial interface. The
SDAOUT pin of the LTC4274A/LTC4274C is designed to
drive the inputs of an opto-coupler directly. Standard I2C/
SMBus devices typically cannot drive opto-couplers, so U1
is used to buffer the signals from the host controller side.
Figure 15. Positive VDD Boost Converter
4274AC F15
R54
56k
C79
2200pF
GND
ITH/RUN
LTC3803
VCC
2
5
VFB
1
3
NGATE
Q15
FDC2512
Q13
FMMT723
Q14
FMMT723
SENSE
6
4
VEE
C74
100μF
6.3V
C75
10μF
16V
L3
100μH
SUMIDA CDRH5D28-101NC
R51
4.7k
1%
R53
4.7k
1%
R52
3.32k
1%
3.3V AT 400mA
R55
806Ω
1%
R59
0.100Ω
1%, 1W
R56
47.5k
1%
R57
1k
D28
B1100
R58
10Ω
R60
10Ω
C73
10μF
6.3V
L4
10μH
SUMIDA CDRH4D28-100NC
+
C77
0.22μF
100V
C78
0.22μF
100V
C76
10μF
63V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com