Electronic Components Datasheet Search
  English  ▼

X  

MPC5645S Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
31
2.4.5
DRAM interface
The DRAM interface pins are listed in Table 6.
MDO[1]
Nexus Msg Data Out
M
PCR[186]
n/a
n/a
AD20
MDO[2]
Nexus Msg Data Out
M
PCR[187]
n/a
n/a
AE20
MDO[3]
Nexus Msg Data Out
M
PCR[188]
n/a
n/a
AF20
MDO[4]
Nexus Msg Data Out
M
PCR[189]
n/a
n/a
AE17
MDO[5]
Nexus Msg Data Out
M
PCR[190]
n/a
n/a
AF17
MDO[6]
Nexus Msg Data Out
M
PCR[191]
n/a
n/a
AC18
MDO[7]
Nexus Msg Data Out
M
PCR[192]
n/a
n/a
AD18
MDO[8]
Nexus Msg Data Out
M
PCR[193]
n/a
n/a
AE18
MDO[9]
Nexus Msg Data Out
M
PCR[194]
n/a
n/a
AF18
MDO[10]
Nexus Msg Data Out
M
PCR[195]
n/a
n/a
AC19
MDO[11]
Nexus Msg Data Out
M
PCR[196]
n/a
n/a
AF19
1 On the 176 LQFP and 208 LQFP package options the Nexus pins are multiplexed with other GPIO. On the 416 TEPBGA
package, there are additional dedicated Nexus pins.
Table 6. DRAM interface pin summary
Port pin1
Function
I/O
direction
Pad
type
PCR
RESET
config2
Pin number
416 TEPBGA
DRAM Data Bus
DDR_DQ[31]
DRAM Data Bus [31]
I/O
DDR
PCR[237] None, None
A6
DDR_DQ[30]
DRAM Data Bus [30]
I/O
DDR
PCR[238] None, None
A5
DDR_DQ[29]
DRAM Data Bus [29]
I/O
DDR
PCR[239] None, None
A4
DDR_DQ[28]
DRAM Data Bus [28]
I/O
DDR
PCR[240] None, None
A3
DDR_DQ[27]
DRAM Data Bus [27]
I/O
DDR
PCR[241] None, None
A2
DDR_DQ[26]
DRAM Data Bus [26]
I/O
DDR
PCR[242] None, None
A1
DDR_DQ[25]
DRAM Data Bus [25]
I/O
DDR
PCR[243] None, None
B1
DDR_DQ[24]
DRAM Data Bus [24]
I/O
DDR
PCR[244] None, None
C4
DDR_DQ[23]
DRAM Data Bus [23]
I/O
DDR
PCR[245] None, None
C1
DDR_DQ[22]
DRAM Data Bus [22]
I/O
DDR
PCR[246] None, None
D4
DDR_DQ[21]
DRAM Data Bus [21]
I/O
DDR
PCR[247] None, None
D3
DDR_DQ[20]
DRAM Data Bus [20]
I/O
DDR
PCR[248] None, None
D2
DDR_DQ[19]
DRAM Data Bus [19]
I/O
DDR
PCR[249] None, None
D1
Table 5. Nexus pins (continued)
System pin
Function
Pad
type
PCR
Pin number1
176 LQFP
208 LQFP
416 TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com