Electronic Components Datasheet Search
  English  ▼

X  

DLPC100 Datasheet(PDF) 7 Page - Texas Instruments

Part # DLPC100
Description  DLP짰 Digital Controller for the DLP1700 DMD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC100 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DLPC100 Datasheet HTML 3Page - Texas Instruments DLPC100 Datasheet HTML 4Page - Texas Instruments DLPC100 Datasheet HTML 5Page - Texas Instruments DLPC100 Datasheet HTML 6Page - Texas Instruments DLPC100 Datasheet HTML 7Page - Texas Instruments DLPC100 Datasheet HTML 8Page - Texas Instruments DLPC100 Datasheet HTML 9Page - Texas Instruments DLPC100 Datasheet HTML 10Page - Texas Instruments DLPC100 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DLPC100
www.ti.com
DLPS019B – DECEMBER 2009 – REVISED DECEMBER 2010
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
CLOCK
DESCRIPTION
TYPE
SYSTEM
NAME
NO.
DMD_TRC
T10
O3
DMD_CLK
DMD data toggle rate control
DMD_A0
T11
O3
DMD_CLK
DMD reset address 0
DMD_A1
T14
O3
DMD_CLK
DMD reset address 1
DMD_A2
T12
O3
DMD_CLK
DMD reset address 2
DMD_SEL0
K16
O3
DMD_CLK
DMD reset select 0
DMD_SEL1
T15
O3
DMD_CLK
DMD reset select 1
DMD_MODE
R10
O3
DMD_CLK
DMD reset mode
DMD_STROBE
T13
O3
DMD_CLK
DMD reset strobe
DMD_SACBUS
L16
O3
DMD_CLK
DMD serial bus data
DMD_SACCLK
K15
O3
DMD_CLK
DMD serial bus clock
DMD_OEZ
R14
O3
DMD_CLK
DMD reset output enable
DMD_PWR_EN
G5
O3
N/A
DMD power regulator enable
RESERVED
H16
O3
N/A
Pin reserved for future use
RESERVED
H15
I4
N/A
Not used. Pin reserved for future use.
SDRAM Interface
MEM_A0
D12
O2
MEM_CLK
Multiplexed row and column address 0 for the SDRAM
MEM_A1
B12
O2
MEM_CLK
Multiplexed row and column address 1 for the SDRAM
MEM_A2
B14
O2
MEM_CLK
Multiplexed row and column address 2 for the SDRAM
MEM_A3
C14
O2
MEM_CLK
Multiplexed row and column address 3 for the SDRAM
MEM_A4
D14
O2
MEM_CLK
Multiplexed row and column address 4 for the SDRAM
MEM_A5
A15
O2
MEM_CLK
Multiplexed row and column address 5 for the SDRAM
MEM_A6
A13
O2
MEM_CLK
Multiplexed row and column address 6 for the SDRAM
MEM_A7
B13
O2
MEM_CLK
Multiplexed row and column address 7 for the SDRAM
MEM_A8
A14
O2
MEM_CLK
Multiplexed row and column address 8 for the SDRAM
MEM_A9
B3
O2
MEM_CLK
Multiplexed row and column address 9 for the SDRAM
MEM_A10
A12
O2
MEM_CLK
Multiplexed row and column address 10 for the SDRAM
MEM_A11
D11
O2
MEM_CLK
Multiplexed row and column address 11 for the SDRAM
MEM_BA0
B11
O2
MEM_CLK
Bank select for the SDRAM
MEM_BA1
A11
O2
MEM_CLK
Bank select for the SDRAM
MEM_RAS
C9
O2
MEM_CLK
Row address strobe. Active low.
MEM_CAS
D9
O2
MEM_CLK
Column address strobe. Active low.
MEM_CKE
E9
O2
MEM_CLK
Clock enable. Active high.
MEM_CS
B10
O2
MEM_CLK
Chip select. Active low.
MEM_HDQM
A10
O2
MEM_CLK
Data mask high byte.
MEM_LDQM
D8
O2
MEM_CLK
Data mask low byte
MEM_WE
F8
O2
MEM_CLK
Write enable. Active low.
MEM_CLK
F9
O2
N/A
Memory clock. Generated by internal PLL. 100 MHz
MEM_DQ0
A3
B3
MEM_CLK
Bidirectional data 0 for the SDRAM
MEM_DQ1
B4
B3
MEM_CLK
Bidirectional data 1 for the SDRAM
MEM_DQ2
A5
B3
MEM_CLK
Bidirectional data 2 for the SDRAM
MEM_DQ3
A6
B3
MEM_CLK
Bidirectional data 3 for the SDRAM
MEM_DQ4
B6
B3
MEM_CLK
Bidirectional data 4 for the SDRAM
MEM_DQ5
E6
B3
MEM_CLK
Bidirectional data 5 for the SDRAM
MEM_DQ6
A7
B3
MEM_CLK
Bidirectional data 6 for the SDRAM
MEM_DQ7
C8
B3
MEM_CLK
Bidirectional data 7 for the SDRAM
MEM_DQ8
E8
B3
MEM_CLK
Bidirectional data 8 for the SDRAM
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DLPC100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com