Electronic Components Datasheet Search
  English  ▼

X  

FPD33680 Datasheet(PDF) 2 Page - Texas Instruments

Part # FPD33680
Description  FPD33680 Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 480 Outputs for SXGA/UXGA Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FPD33680 Datasheet(HTML) 2 Page - Texas Instruments

  FPD33680 Datasheet HTML 1Page - Texas Instruments FPD33680 Datasheet HTML 2Page - Texas Instruments FPD33680 Datasheet HTML 3Page - Texas Instruments FPD33680 Datasheet HTML 4Page - Texas Instruments FPD33680 Datasheet HTML 5Page - Texas Instruments FPD33680 Datasheet HTML 6Page - Texas Instruments FPD33680 Datasheet HTML 7Page - Texas Instruments FPD33680 Datasheet HTML 8Page - Texas Instruments FPD33680 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
FPD33680
Low Power, Low EMI, TFT-LCD Column Driver with
RSDS Inputs, 64 Grayshades, and 480 Outputs for
SXGA/UXGA Applications
General Description
The FPD33680 is a direct drive, 64 gray level, 480 output,
TFT-LCD column driver with an RSDS™ data interface. It
provides the capability to display 262,144 colors (18-bit
color) with a large dynamic output range for twisted nematic
applications. It is targeted to support SXGA applications up
to a 75Hz refresh rate and UXGA applications up to a 60Hz
refresh rate. Output voltages are gamma corrected to pro-
vide a direct mapping between digital video and LCD panel
brightness.
An RSDS (Reduced Swing Differential Signaling) interface is
used between the timing controller and the column driver to
minimize EMI and reduce power.
The column driver with its interface offers a low power, low
EMI column driver solution with direct-drive dynamic range
and dot-inversion addressing.
Features
n
RSDS (Reduced Swing Differential Signaling) data bus
for low power, reduced EMI and small PCB foot print
n
85MHz maximum operating frequency at V
DD1=3.0V
n
RSDS pin location and RSDS Switch feature simplify
PCB layout and improve EMI
n
Ideal for UXGA notebook applications
n
Smart Charge Conservation for low power consumption
n
64 Gray levels per color (18-bit color)
n
Supports both Dot and N-Line inversion
n
Four externally programmable gamma curves
n
Very low offsets for artifact free images
n
Optional, high current, repair amplifiers
System Diagram
20071001
ADVANCE INFORMATION
May 2003
© 2003 National Semiconductor Corporation
DS200710
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com