Electronic Components Datasheet Search
  English  ▼

X  

FPD33680 Datasheet(PDF) 13 Page - Texas Instruments

Part # FPD33680
Description  FPD33680 Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 480 Outputs for SXGA/UXGA Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FPD33680 Datasheet(HTML) 13 Page - Texas Instruments

Back Button FPD33680 Datasheet HTML 9Page - Texas Instruments FPD33680 Datasheet HTML 10Page - Texas Instruments FPD33680 Datasheet HTML 11Page - Texas Instruments FPD33680 Datasheet HTML 12Page - Texas Instruments FPD33680 Datasheet HTML 13Page - Texas Instruments FPD33680 Datasheet HTML 14Page - Texas Instruments FPD33680 Datasheet HTML 15Page - Texas Instruments FPD33680 Datasheet HTML 16Page - Texas Instruments FPD33680 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Functional Description (Continued)
Data
Output Voltage (gamma F)
Data
Output Voltage (gamma F)
00
H
VL0
VGMA10
20
H
VL32
VGMA8
01
H
VL1
VGMA9−(VGMA9−VGMA10)x
5536/6459
21
H
VL33
VGMA7−(VGMA7−VGMA8)x
1710/1829
02
H
VL2
VGMA9−(VGMA9−VGMA10)x
4762/6459
22
H
VL34
VGMA7−(VGMA7−VGMA8)x
1591/1829
03
H
VL3
VGMA9−(VGMA9−VGMA10)x
4152/6459
23
H
VL35
VGMA7−(VGMA7−VGMA8)x
1472/1829
04
H
VL4
VGMA9−(VGMA9−VGMA10)x
3542/6459
24
H
VL36
VGMA7−(VGMA7−VGMA8)x
1353/1829
05
H
VL5
VGMA9−(VGMA9−VGMA10)x
3081/6459
25
H
VL37
VGMA7−(VGMA7−VGMA8)x
1249/1829
06
H
VL6
VGMA9−(VGMA9−VGMA10)x
2620/6459
26
H
VL38
VGMA7−(VGMA7−VGMA8)x
1145/1829
07
H
VL7
VGMA9−(VGMA9−VGMA10)x
2159/6459
27
H
VL39
VGMA7−(VGMA7−VGMA8)x
1041/1829
08
H
VL8
VGMA9−(VGMA9−VGMA10)x
1846/6459
28
H
VL40
VGMA7−(VGMA7−VGMA8)x
937/1829
09
H
VL9
VGMA9−(VGMA9−VGMA10)x
1533/6459
29
H
VL41
VGMA7−(VGMA7−VGMA8)x
833/1829
0A
H
VL10
VGMA9−(VGMA9−VGMA10)x
1265/6459
2A
H
VL42
VGMA7−(VGMA7−VGMA8)x
714/1829
0B
H
VL11
VGMA9−(VGMA9−VGMA10)x
997/6459
2B
H
VL43
VGMA7−(VGMA7−VGMA8)x
595/1829
0C
H
VL12
VGMA9−(VGMA9−VGMA10)x
774/6459
2C
H
VL44
VGMA7−(VGMA7−VGMA8)x
476/1829
0D
H
VL13
VGMA9−(VGMA9−VGMA10)x
551/6459
2D
H
VL45
VGMA7−(VGMA7−VGMA8)x
357/1829
0E
H
VL14
VGMA9−(VGMA9−VGMA10)x
358/6459
2E
H
VL46
VGMA7−(VGMA7−VGMA8)x
238/1829
0F
H
VL15
VGMA9−(VGMA9−VGMA10)x
179/6459
2F
H
VL47
VGMA7−(VGMA7−VGMA8)x
119/1829
10
H
VL16
VGMA9
30
H
VL48
VGMA7
11
H
VL17
VGMA8−(VGMA8−VGMA9)x
1950/2114
31
H
VL49
VGMA6−(VGMA6−VGMA7)x
4481/4600
12
H
VL18
VGMA8−(VGMA8−VGMA9)x
1801/2114
32
H
VL50
VGMA6−(VGMA6−VGMA7)x
4347/4600
13
H
VL19
VGMA8−(VGMA8−VGMA9)x
1652/2114
33
H
VL51
VGMA6−(VGMA6−VGMA7)x
4198/4600
14
H
VL20
VGMA8−(VGMA8−VGMA9)x
1503/2114
34
H
VL52
VGMA6−(VGMA6−VGMA7)x
4049/4600
15
H
VL21
VGMA8−(VGMA8−VGMA9)x
1369/2114
35
H
VL53
VGMA6−(VGMA6−VGMA7)x
3885/4600
16
H
VL22
VGMA8−(VGMA8−VGMA9)x
1235/2114
36
H
VL54
VGMA6−(VGMA6−VGMA7)x
3706/4600
17
H
VL23
VGMA8−(VGMA8−VGMA9)x
1101/2114
37
H
VL55
VGMA6−(VGMA6−VGMA7)x
3527/4600
18
H
VL24
VGMA8−(VGMA8−VGMA9)x
967/2114
38
H
VL56
VGMA6−(VGMA6−VGMA7)x
3348/4600
19
H
VL25
VGMA8−(VGMA8−VGMA9)x
833/2114
39
H
VL57
VGMA6−(VGMA6−VGMA7)x
3125/4600
1A
H
VL26
VGMA8−(VGMA8−VGMA9)x
714/2114
3A
H
VL58
VGMA6−(VGMA6−VGMA7)x
2887/4600
1B
H
VL27
VGMA8−(VGMA8−VGMA9)x
595/2114
3B
H
VL59
VGMA6−(VGMA6−VGMA7)x
2619/4600
1C
H
VL28
VGMA8−(VGMA8−VGMA9)x
476/2114
3C
H
VL60
VGMA6−(VGMA6−VGMA7)x
2306/4600
1D
H
VL29
VGMA8−(VGMA8−VGMA9)x
357/2114
3D
H
VL61
VGMA6−(VGMA6−VGMA7)x
1845/2600
1E
H
VL30
VGMA8−(VGMA8−VGMA9)x
238/2114
3E
H
VL62
VGMA6−(VGMA6−VGMA7)x
1235/4600
1F
H
VL31
VGMA8−(VGMA8−VGMA9)x
119/2114
3F
H
VL63
VGMA6
FIGURE 5. FPD33680F Lower Gamma Voltages
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com