Electronic Components Datasheet Search
  English  ▼

X  

GC5328 Datasheet(PDF) 2 Page - Texas Instruments

Part # GC5328
Description  GC5328 Low-Power Wideband Digital Predistortion Transmit Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC5328 Datasheet(HTML) 2 Page - Texas Instruments

  GC5328 Datasheet HTML 1Page - Texas Instruments GC5328 Datasheet HTML 2Page - Texas Instruments GC5328 Datasheet HTML 3Page - Texas Instruments GC5328 Datasheet HTML 4Page - Texas Instruments GC5328 Datasheet HTML 5Page - Texas Instruments GC5328 Datasheet HTML 6Page - Texas Instruments GC5328 Datasheet HTML 7Page - Texas Instruments GC5328 Datasheet HTML 8Page - Texas Instruments GC5328 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
BBin
DACout
Gain
Pilot
Insertion
AntCal
Insertion
Power
Meter
16
BBFR
1
Wide
Band
DUC
Wide
Band
DUC
Medium
Band
DUC
Medium
Band
DUC
Medium
Band
DUC
Medium
Band
DUC
NarrowBand DUC
NarrowBand DUC
NarrowBand DUC
NarrowBand DUC
NarrowBand DUC
NarrowBand DUC
NarrowBand DUC
NarrowBand DUC
NarrowBand DUC
NarrowBand DUC
NarrowBand DUC
NarrowBand DUC
+
CFR
Fractional
Resampler
Circular
Limiter
GC5328
JTAG
MPU Interface
RESETB SYNC
3
SYNC
OUT
INT UPDATA UPADDR OEB RDB WRB CEB
TCK
TRST
TI
TMS
TD
16
10
4
BBclk
DPDclk
SYNC
BB
PLL
DPD
PLL
Real to Complex
Feedback
Equalizer
Feedback Mixer
and NL Correction
Bulk Interpolation
+ Mixer
Transmit
Equalizer
DPD
ADC
Interface
DAC
Interface
Capture Buffers
DUCs in
1-Chn Mode
DUCs in
2-Chn Mode
DUCs in
6-Chn Mode
BB Clock Domain
DPD Clock Domain
B0279-03
Envelope
Interface
To Capture
Buffer
To Capture
Buffer
To Capture
Buffer
Pilot
Insertion
ADCin
(LVDS)
16
ADCin
(LVDS)
2
16
MAGclk
MAGout
38
Active Only in Dual
Antenna Mode
GC5328
SLWS218A – OCTOBER 2009 – REVISED OCTOBER 2009
www.ti.com
The CFR block has four serial stages of peak detection and cancellation. The CFR block cancellation filter can
be programmed as real or complex. The CFR peak-reduced output is routed to the Farrow resampler. The
Farrow resampler resamples the CFR output to the DPD clock rate. The Farrow resampler block also has a
complex mixer for composite carrier frequency offset.
The DPD subsystem has a circular limiter, nonlinear DPD correction, and a transmit equalizer. The DPD
correction can reduce the follow-on circuitry distortion products. The DPD output is sent to the BUC. The BUC
provides a post-DPD interpolation, and also provides a complex mixer for frequency offset. The DAC interface
converts the BUC signal output to the interleaved IQ or parallel IQ output signals for the DAC5682Z or DAC5688.
The CB block captures the selected internal reference signal, and the feedback block in two up to 4K capture
buffers. The signal capture can be based on an externally timed event (standard capture buffer), delay after a
timed event, or signal statistics (smart capture buffer). Normally the DPD input and feedback output are selected.
The capture buffers are stored and read by the microprocessor.
The FB block receives the LVDS ADC information and performs signal processing to downconvert the received
signal to 0IF. The FB block also has a feedback-path receive equalizer.
Figure 2. GC5328 Functional Block Diagram
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): GC5328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com