Electronic Components Datasheet Search
  English  ▼

X  

GC5328 Datasheet(PDF) 21 Page - Texas Instruments

Part # GC5328
Description  GC5328 Low-Power Wideband Digital Predistortion Transmit Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GC5328 Datasheet(HTML) 21 Page - Texas Instruments

Back Button GC5328 Datasheet HTML 17Page - Texas Instruments GC5328 Datasheet HTML 18Page - Texas Instruments GC5328 Datasheet HTML 19Page - Texas Instruments GC5328 Datasheet HTML 20Page - Texas Instruments GC5328 Datasheet HTML 21Page - Texas Instruments GC5328 Datasheet HTML 22Page - Texas Instruments GC5328 Datasheet HTML 23Page - Texas Instruments GC5328 Datasheet HTML 24Page - Texas Instruments GC5328 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TCK
TDI
TDO
1/f
TCK
t
su(TDI)
t
h(TDI)
t
d(TDO)
T0289-01
t
p(TCKL)
t
p(TCKH)
DAC[15:0]P
I
Q
I
DAC[15:0]N
DACCLK
DACCLKC
t
SKW(DAC)
T0290-01
1/f
CLK(DAC)
GC5328
www.ti.com
SLWS218A – OCTOBER 2009 – REVISED OCTOBER 2009
JTAG SWITCHING CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
TEST CONDITIONS PARAMETER
MIN
MAX
UNIT
fTCK
JTAG clock frequency
50
MHz
tp(TCKL)
JTAG clock low period
10
ns
tp(TCKH)
JTAG clock high period
10
ns
tsu(TDI)
Input data setup time before TCK
↑
Valid for TDI and TMS
1
ns
th(TDI)
Input data hold time after TCK
↑
Valid for TDI and TMS
6
ns
td(TDO)
Output data delay from TCK
↓
8
ns
Figure 14. JTAG Timing Specifictions
TX SWITCHING CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HSTL MODE – DDR ex. DAC5682
fCLK(DAC)
DAC output clock frequency
RL = 100 Ω
(1)
300
MHz
tSKW(DAC)
DACCLK to DAC data
RL = 100 Ω
(2)
TBD
ps
(1)
Because the output clock is DDR, the data rate is 2× the fCLK rate; fCLK(DAC) = (BUC Interp × DPDClk / 2).
(2)
tSKW(DAC) data clock-to-data is measured during characterization.
Figure 15. TX Timing Specifications (HSTL – DDR)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): GC5328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com