Electronic Components Datasheet Search
  English  ▼

X  

INA223 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA223
Description  Analog Output Current Shunt and Voltage Instantaneous Power Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA223 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA223 Datasheet HTML 17Page - Texas Instruments INA223 Datasheet HTML 18Page - Texas Instruments INA223 Datasheet HTML 19Page - Texas Instruments INA223 Datasheet HTML 20Page - Texas Instruments INA223 Datasheet HTML 21Page - Texas Instruments INA223 Datasheet HTML 22Page - Texas Instruments INA223 Datasheet HTML 23Page - Texas Instruments INA223 Datasheet HTML 24Page - Texas Instruments INA223 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
INA223
www.ti.com
SBOS528 – JUNE 2012
BUS OVERVIEW
The INA223 is compatible with both two-wire and SMBus interfaces. These protocols are essentially compatible
with one another. The two-wire interface is used throughout this data sheet as the primary example, with the
SMBus protocol specified only when a difference between the two systems is considered.
Two bidirectional lines, SCL and SDA, connect the INA223 to the bus. Both SCL and SDA are open-drain
connections.
The device that initiates the transfer is called a master, and the devices controlled by the master are slaves. The
bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access, and
generates start and stop conditions.
To address a specific device, the master initiates a start condition by pulling the data signal line (SDA) from a
high to a low logic level while SCL is high. All slaves on the bus shift in the slave address byte on the rising edge
of SCL, with the last bit indicating whether a read or write operation is intended. During the ninth clock pulse, the
slave being addressed responds to the master by generating an acknowledge bit and pulling SDA low.
Data transfer is then initiated and eight bits of data are sent, followed by an acknowledge bit. During data
transfer, SDA must remain stable while SCL is high. Any change in SDA while SCL is high is interpreted as a
start or stop condition.
After all data have been transferred, the master generates a stop condition, indicated by pulling SDA from low to
high while SCL is high. The INA223 includes a 28-ms timeout on its interface to prevent locking up the bus.
Serial Bus Address
To communicate with the INA223, the master must first address slave devices through a slave address byte. The
slave address byte consists of seven address bits, and a direction bit that indicates the intent of executing a read
or write operation.
The INA223 has one address pin, A0. Table 6 describes the pin logic levels for each of the four possible
addresses. The state of the A0 pin is sampled on every bus communication and should be set before any activity
on the interface occurs. The address pins are read at the start of each communication event.
Table 6. INA223 Address Pins and Slave Addresses
A0
ADDRESS
GND
1000000
VS
1000001
SDA
1000010
SCL
1000011
Serial Interface
The INA223 operates only as a slave device on both the two-wire bus and SMBus. Connections to the bus are
made through the open-drain I/O lines, SDA and SCL. The SDA and SCL pins feature integrated spike
suppression filters and Schmitt triggers to minimize the effects of input spikes and bus noise. The INA223
supports the transmission protocol for fast (1 kHz to 400 kHz) and high-speed (1 kHz to 3.4 MHz) modes. All
data bytes are transmitted most significant byte first.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): INA223



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com