Electronic Components Datasheet Search
  English  ▼

X  

INA2134MDREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA2134MDREP
Description  AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2134MDREP Datasheet(HTML) 3 Page - Texas Instruments

  INA2134MDREP Datasheet HTML 1Page - Texas Instruments INA2134MDREP Datasheet HTML 2Page - Texas Instruments INA2134MDREP Datasheet HTML 3Page - Texas Instruments INA2134MDREP Datasheet HTML 4Page - Texas Instruments INA2134MDREP Datasheet HTML 5Page - Texas Instruments INA2134MDREP Datasheet HTML 6Page - Texas Instruments INA2134MDREP Datasheet HTML 7Page - Texas Instruments INA2134MDREP Datasheet HTML 8Page - Texas Instruments INA2134MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
INA2134-EP
www.ti.com
SBOS595C – MARCH 2012 – REVISED MARCH 2012
THERMAL INFORMATION
INA2134
THERMAL METRIC(1)
D
UNITS
14 PINS
θJA
Junction-to-ambient thermal resistance(2)
73.1
θJC
Junction-to-case thermal resistance
31.1
θJB
Junction-to-board thermal resistance(3)
27.6
°C/W
ψJT
Junction-to-top characterization parameter(4)
3.2
ψJB
Junction-to-board characterization parameter(5)
27.3
xxx
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(4)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(5)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
ELECTRICAL CHARACTERISTICS
At TA = 25°C, VS = ±18 V, RL = 2 kΩ, and Ref pin connected to Ground (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO PERFORMANCE
Total harmonic distortion + noise, f = 1 kHz
VIN = 10 Vrms
0.0005
%
Noise floor(1)
20 kHz BW
-100
dBu
Headroom(1)
THD+N < 1%
23
dBu
FREQUENCY RESPONSE
Small-signal bandwidth
3.1
MHz
Slew rate
14
V/µs
Settling time:
0.1%
10-V step, CL = 100 pF
2
µs
0.01%
10-V step, CL = 100 pF
3
µs
Overload recovery time
50% overdrive
3
µs
Channel separation (dual), f = 1 kHz
117
dB
OUTPUT NOISE VOLTAGE(2)
f = 20 Hz to 20 kHz
7
µVrms
f = 1 kHz
52
nV/
√Hz
OFFSET VOLTAGE(3)
Input offset voltage
VCM = 0 V
±100
±1000
µV
vs Temperature
-55°C to 125°C
±2
µV/°C
vs Power
VS = ±4 V to ±18 V, -55°C to 125°C
±5
±60
µV/V
supply
INPUT
Common-mode voltage range:
Positive
VO = 0 V
2(V+) – 5
2(V+) – 4
V
Negative
VO = 0 V
2(V-) + 5
2(V-) + 2
V
Differential voltage range
See Typical Curve
VCM = ±31 V, RS = 0 Ω
74
90
dB
Common-mode rejection
VCM = ±31 V, RS = 0 Ω, -55°C to 125°C
72
85
dB
Impedance:(4)
Differential
50
k
Ω
Common-mode
50
k
Ω
(1)
dBu = 20log (Vrms/0.7746).
(2)
Includes effects of amplifier’s input current noise and thermal noise contribution of resistor network.
(3)
Includes effects of amplifier’s input bias and offset currents.
(4)
25-k
Ω resistors are ratio matched, but have ±25% absolute value.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): INA2134-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com