Electronic Components Datasheet Search
  English  ▼

X  

INA2134MDREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA2134MDREP
Description  AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2134MDREP Datasheet(HTML) 5 Page - Texas Instruments

  INA2134MDREP Datasheet HTML 1Page - Texas Instruments INA2134MDREP Datasheet HTML 2Page - Texas Instruments INA2134MDREP Datasheet HTML 3Page - Texas Instruments INA2134MDREP Datasheet HTML 4Page - Texas Instruments INA2134MDREP Datasheet HTML 5Page - Texas Instruments INA2134MDREP Datasheet HTML 6Page - Texas Instruments INA2134MDREP Datasheet HTML 7Page - Texas Instruments INA2134MDREP Datasheet HTML 8Page - Texas Instruments INA2134MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
OUTPUT VOLTAGE NOISE SPECTRAL DENSITY
vs FREQUENCY
Frequency (Hz)
1
10
100
1k
10k
100k
1M
10k
1k
100
10
HARMONIC DISTORTION PRODUCTS
vs FREQUENCY
Frequency (Hz)
20
100
1k
10k
20k
0.01
0.001
0.0001
0.00001
0.000001
(
noise limited)
V
O = 1Vrms
R
L = 600
,
W
2nd Harmonic
R
L = 2k
,
W
2nd Harmonic
R
L = 2k
,
W
3rd Harmonic
R
L = 600
,
W
3rd Harmonic
OUTPUT NOISE VOLTAGE
vs NOISE BANDWIDTH
Frequency (Hz)
1
10
100
1k
10k
100k
100
10
1
0.1
DIM INTERMODULATION DISTORTION
vs OUTPUT AMPLITUDE
Output Amplitude (dBu)
–10
–5
0
5
10
15
20
25
5
1
0.1
0.010
0.001
R
L = 2k
, 600
W
W
BW = 100kHz
TOTAL HARMONIC DISTORTION+NOISE
vs FREQUENCY
Frequency (Hz)
20
100
1k
10k
20k
1
0.1
0.010
0.001
0.0001
V
O = 10Vrms
R
L = 600
W
R
L = 100k
W
R
L = 2k
W
HEADROOM - TOTAL HARMONIC DISTORTION+NOISE
vs OUTPUT AMPLITUDE
Output Amplitude (dBu)
0
5
10
15
20
25
30
1
0.1
0.010
0.001
0.0001
f = 1kHz
R
L = 600
W
R
L = 2k
,
W
100kW
INA2134-EP
www.ti.com
SBOS595C – MARCH 2012 – REVISED MARCH 2012
TYPICAL CHARACTERISTICS
At TA = 25°C, VS = ±18 V (unless otherwise noted).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): INA2134-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com