Electronic Components Datasheet Search
  English  ▼

X  

MPLABXC8 Datasheet(PDF) 9 Page - Microchip Technology

Part # MPLABXC8
Description  Integrated Development Environment and Software Tools
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPLABXC8 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MPLABXC8 Datasheet HTML 4Page - Microchip Technology MPLABXC8 Datasheet HTML 5Page - Microchip Technology MPLABXC8 Datasheet HTML 6Page - Microchip Technology MPLABXC8 Datasheet HTML 7Page - Microchip Technology MPLABXC8 Datasheet HTML 8Page - Microchip Technology MPLABXC8 Datasheet HTML 9Page - Microchip Technology MPLABXC8 Datasheet HTML 10Page - Microchip Technology MPLABXC8 Datasheet HTML 11Page - Microchip Technology MPLABXC8 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Motor Control and Power Conversion
dsPICDEM MCLV Development Board (DM330021)
This development board is intended for
low-voltage (up to 48 volts at 10 amps)
BLDC sensored or sensorless applications.
It provides a low-cost system for users to
evaluate and develop applications using
dsPIC33F motor control DSCs via a Plug-In Module (PIM) or
28-pin SOIC socket. Serial interfaces include: RS-232C, CAN,
LIN and USB (for RTDM). Feedback support includes: Hall-Effect
Sensors, Shaft Encoder, Back EMF voltages and single or dual
shunt resistors for current.
PICkit 3 In-Circuit Debugger,
MPLAB ICD 3 In-Circuit Debugger or REAL ICE In-Circuit
Emulator is required for programming or debugging
operations.
dsPICDEM MCHV Development System (DM330023)
This development system is intended for high-voltage (up to
400 volts at 6.5 amps) BLDC, PMSM and ACIM sensored
or sensorless applications. It provides a low-cost Integrated
Power Module (IPM) based system for users to evaluate and
develop applications using dsPIC33F motor control DSCs via
a Plug-In Module (PIM) or a 28-pin SOIC socket. Isolated serial
interfaces include RS-232C and USB (for RTDM). Feedback
support includes: Hall-Effect Sensors, Shaft Encoder, Back EMF
voltages and single or dual current shunt resistors. A PFC circuit
is provided to meet regulatory requirements. An isolated built-in
debugger (similar to a starter kit programmer/debugger) permits
a direct connection with a PC.
dsPICDEM MCSM Development Board (DM330022)
This development board is intended for low-voltage (up to
80 volts at 3 amps) 2-phase uni-polar or bi-polar stepper
motor (4, 6 or 8 wire) applications. It provides a low-cost
system for users to evaluate and develop applications
using dsPIC33F motor control DSCs via a Plug-In Module
(PIM) or 28-pin SOIC socket. A USB serial interface for
RTDM is provided. Feedback support includes current
and voltage. Demo software to run motors in open-loop or
closed-loop with full or variable micro-stepping is provided.
A DMCI/RTDM GUI for controlling step commands, motor
parameter input and operation modes is included.
dsPICDEM MCSM Stepper Motor Development
Board Kit (DV330021)
The kit includes the dsPICDEM MCSM board, a stepper
motor and a 24-volt power supply. PICkit 3 In-Circuit
Debugger, MPLAB ICD 3 In-Circuit Debugger or REAL
ICE In-Circuit Emulator is required for programming or
debugging operations.
Buck/Boost Converter PICtail Plus Card (AC164133)
A low-cost development platform for dsPIC33FGS SMPS
devices, the buck/boost converter PICtail Plus card has
two buck stage outputs and one boost stage output. This
board can be used with either the Explorer 16 board or the
16-bit 28-pin starter board and the dsPIC33FGS SMPS and
digital power conversion devices.
Touch Sensing Technology
mTouch Capacitive Touch Evaluation Kit (DM183026)
Includes two main boards: one
populated with a PIC16F72X 8-bit MCU
and the other with a PIC24F256GB110
16-bit MCU; and four daughter boards for
developing keys, sliders and a matrix.
PIC10F Capacitive Touch Board (AC103003)
This board demonstrates the simple implementation of
a single capacitive touch key or proximity sensor using a
PIC10F204/6 MCU.
mTouch AR1000 Development Kit (DV102011)
This kit provides everything designers need to get
started using AR1000 resistive controllers for a turn-key,
cost-effective solution. The kit includes the AR1000
development board, a 7 four-wire resistive touch screen, a
PICkit Serial Analyzer and all necessary interface cables,
as well as a CD containing technical documentation and all
necessary software.
PICDEM Inductive Touch Development Kit (DM183027)
This kit is an evaluation and development platform
for Microchip's Inductive Touch Technology. Factory
programmed firmware provides immediate access to all
board features using the MPLAB mTouch plug-in. Using
a PICkit Serial analyzer to communicate with the PC, it
allows the user to analyze application critical information
in real-time as it relates to sensor behavior.
USB
PIC32 I/O Expansion Board (DM320002)
This I/O expansion board provides PIC32
starter board (DM320001, DM320003)
users with full access to MCU signals,
JTAG debugging, ICSP development and
connection of PICtail Plus daughter cards.
PICDEM FS-USB Demonstration Kit (DM163025)
This demo kit is an easy-to-use evaluation platform
for Microchip's Full-Speed USB solution. The family of
full-speed USB microcontrollers fully support USB 2.0
and serial communications of up to 12 Mbit/s. All of the
hardware and software needed to demonstrate and develop
a complete USB communication solution is included.
PIC18F14K50 Low Pin Count USB Development Kit
(DV164126)
This development kit provides an easy, low cost way to
evaluate the functionality of Microchip's PIC18F14K50 and
PIC18F13K50 20-pin USB microcontrollers. The kit contains
the hardware, software and code examples necessary to
take your USB design from concept to prototype.
USB PICtail Plus Daughter Board (AC164131)
This daughter board enables USB connectivity when
using a PIC24 or PIC32 USB PIM in conjunction with the
Explorer 16 board.
Application Specific Development Tools
9
Quick Guide to Microchip Development Tools



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com