Electronic Components Datasheet Search
  English  ▼

X  

EVAL6474H Datasheet(PDF) 3 Page - STMicroelectronics

Part # EVAL6474H
Description  Stepper motor driver mounting the L6474
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6474H Datasheet(HTML) 3 Page - STMicroelectronics

  EVAL6474H Datasheet HTML 1Page - STMicroelectronics EVAL6474H Datasheet HTML 2Page - STMicroelectronics EVAL6474H Datasheet HTML 3Page - STMicroelectronics EVAL6474H Datasheet HTML 4Page - STMicroelectronics EVAL6474H Datasheet HTML 5Page - STMicroelectronics EVAL6474H Datasheet HTML 6Page - STMicroelectronics EVAL6474H Datasheet HTML 7Page - STMicroelectronics EVAL6474H Datasheet HTML 8Page - STMicroelectronics EVAL6474H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EVAL6474H
Board description
Doc ID 022766 Rev 1
3/10
Table 2.
Jumpers and connectors description
Name
Type
Function
J1
Power supply
Motor supply voltage
J5
Power output
Bridge A outputs
J6
Power output
Bridge B outputs
J2
SPI connector
Master SPI
J3
SPI connector
Slave SPI
J4
NM connector
OSCIN and OSCOUT pins
J7
NM connector
SYNC output
TP1 (VS)
Test point
Motor supply voltage test point
TP4 (VDD)
Test point
Logic interface supply voltage test point
TP5 (VREG)
Test point
Logic supply voltage/L6474 internal regulator test
point
TP6 (GND)
Test point
Ground test point
TP2 (STCK)
Test point
Step clock input test point
TP8 (DIR)
Test point
DIR output test point
TP3 (STBY/RES)
Test point
STBY/RES input test point
TP7 (FLAG)
Test point
FLAG output test point
Table 3.
Slave SPI connector pinout (J11)
Pin
number
Type
Description
1
Digital input
L6474 direction input
2
Open drain output
L6474 FLAG output
3
Ground
Ground
4
Supply
EXT_VDD (can be used as external logic power supply)
5
Digital output
SPI master IN slave OUT signal (connected to the L6474 SDO
output through daisy chain termination jumper JP2)
6
Digital input
SPI serial clock signal (connected to L6474 CK input)
7
Digital input
SPI master OUT slave IN signal (connected to the L6474 SDI
input)
8
Digital input
SPI slave select signal (connected to the L6474 CS input)
9
Digital input
L6474 step-clock input
10
Digital input
L6474 standby/reset input



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com