Electronic Components Datasheet Search
  English  ▼

X  

EVAL6474H Datasheet(PDF) 5 Page - STMicroelectronics

Part # EVAL6474H
Description  Stepper motor driver mounting the L6474
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6474H Datasheet(HTML) 5 Page - STMicroelectronics

  EVAL6474H Datasheet HTML 1Page - STMicroelectronics EVAL6474H Datasheet HTML 2Page - STMicroelectronics EVAL6474H Datasheet HTML 3Page - STMicroelectronics EVAL6474H Datasheet HTML 4Page - STMicroelectronics EVAL6474H Datasheet HTML 5Page - STMicroelectronics EVAL6474H Datasheet HTML 6Page - STMicroelectronics EVAL6474H Datasheet HTML 7Page - STMicroelectronics EVAL6474H Datasheet HTML 8Page - STMicroelectronics EVAL6474H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
EVAL6474H
Board description
Doc ID 022766 Rev 1
5/10
Table 4.
Bill of material
Item
Quantity
Reference
Value
Package
1
1
C1
220 nF/16 V
CAPC-0603
2
1
C2
47 µF/6.3 V
CAPC-3216
3
1
C3
100 nF/6.3 V
CAPC-0603
4
1
C4
10 µF/4 V
CAPC-3216
5
1
C5
100 nF/4 V
CAPC-0603
6
4
C6,C7,C8,C10
100 nF/50 V
CAPC-0603
7
1
C9A
100 µF/63 V
CAPE-R8H12-P35
8
1
C9
100 µF/63 V
CAPES-R10HXX
9
1
C11
10 nF/50 V
CAPC-0603
10
1
C13
3.3 nF/4 V
CAPC-0603
11
3
C14,C15,C16
1 nF/4 V
CAPC-0603
12
1
DL1
LED diode (red)
LEDC-0805
13
1
D1
BAV99
SOT-23
14
1
JP1
Jumper - open
JP2SO
15
4
JP2,JP3,JP4,JP5
Jumper - closed
JP2SO
16
3
J1,J5,J6
Screw connector 2 poles MORSV-508-2P
17
2
J2, J3
Pol. IDC male header
vertical 10 poles
CON-FLAT-5X2-180M
18
1
J4
N.M.
STRIP254P-M-2
19
1
J7
N.M.
TPTH-44SQ70
20
4
R1,R3,R4,R6
39 k
Ω
RESC-0603
21
1
R2
50 k
Ω
TRIMM-100X50X110-64W
22
1
R5
470
Ω
RESC-0603
23
8
TP1,TP2,TP3,TP4,T
P5,TP6,TP7,TP8
Test point
TH
24
1
U1
L6474H
HTSSOP28



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com