Electronic Components Datasheet Search
  English  ▼

X  

STGIPN3H60 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGIPN3H60
Description  SLLIMM??nano (small low-loss intelligent molded module)IPM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3H60 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGIPN3H60 Datasheet HTML 4Page - STMicroelectronics STGIPN3H60 Datasheet HTML 5Page - STMicroelectronics STGIPN3H60 Datasheet HTML 6Page - STMicroelectronics STGIPN3H60 Datasheet HTML 7Page - STMicroelectronics STGIPN3H60 Datasheet HTML 8Page - STMicroelectronics STGIPN3H60 Datasheet HTML 9Page - STMicroelectronics STGIPN3H60 Datasheet HTML 10Page - STMicroelectronics STGIPN3H60 Datasheet HTML 11Page - STMicroelectronics STGIPN3H60 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
STGIPN3H60
8/21
Doc ID 018957 Rev 3
3
Electrical characteristics
TJ = 25 °C unless otherwise specified.
Note:
tON and tOFF include the propagation delay time of the internal drive. tC(ON) and tC(OFF) are
the switching time of IGBT itself under the internally given gate driving condition.
Figure 3.
Switching time test circuit
Table 7.
Inverter part
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCE(sat)
Collector-emitter
saturation voltage
VCC = Vboot = 15 V, VIN
(1)= 0 - 5 V,
IC = 1 A
-
2.15
2.6
V
VCC = Vboot = 15 V, VIN
(1)= 0 - 5 V,
IC = 1 A, TJ = 125 °C
-1.65
ICES
Collector-cut off current
(VIN
(1)= 0 “logic state”)
VCE = 550 V, VCC = VBoot = 15 V
-
250
µA
VF
Diode forward voltage
VIN
(1) = 0 “logic state”, I
C = 1 A
-
1.7
V
Inductive load switching time and energy
ton
Turn-on time
VDD = 300 V,
VCC = Vboot = 15 V,
VIN
(1) = 0 - 5 V,
IC = 1 A
(see
Figure 4)
-275
ns
tc(on)
Crossover time (on)
-
90
toff
Turn-off time
-
890
tc(off)
Crossover time (off)
-
125
trr
Reverse recovery time
-
50
Eon
Turn-on switching losses
-
18
µJ
Eoff
Turn-off switching losses
-
13
1.
Applied between
HINi, LINi and GND for i = U, V, W (LIN inputs are active-low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com