Electronic Components Datasheet Search
  English  ▼

X  

STGIPN3H60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGIPN3H60
Description  SLLIMM??nano (small low-loss intelligent molded module)IPM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3H60 Datasheet(HTML) 1 Page - STMicroelectronics

  STGIPN3H60 Datasheet HTML 1Page - STMicroelectronics STGIPN3H60 Datasheet HTML 2Page - STMicroelectronics STGIPN3H60 Datasheet HTML 3Page - STMicroelectronics STGIPN3H60 Datasheet HTML 4Page - STMicroelectronics STGIPN3H60 Datasheet HTML 5Page - STMicroelectronics STGIPN3H60 Datasheet HTML 6Page - STMicroelectronics STGIPN3H60 Datasheet HTML 7Page - STMicroelectronics STGIPN3H60 Datasheet HTML 8Page - STMicroelectronics STGIPN3H60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
May 2012
Doc ID 018957 Rev 3
1/21
21
STGIPN3H60
SLLIMM™-nano (small low-loss intelligent molded module)
IPM, 3 A - 600 V 3-phase IGBT inverter bridge
Datasheet
− production data
Features
■ IPM 3 A, 600 V, 3-phase IGBT inverter bridge
including control ICs for gate driving and
freewheeling diodes
■ Optimized for low electromagnetic interference
■ VCE(sat) negative temperature coefficient
■ 3.3 V, 5 V, 15 V CMOS/TTL inputs
comparators with hysteresis and pull down/pull
up resistors
■ Undervoltage lockout
■ Internal bootstrap diode
■ Interlocking function
■ Smart shutdown function
■ Comparator for fault protection against
overtemperature and overcurrent
■ Op amp for advanced current sensing
■ Optimized pinout for easy board layout
Applications
■ 3-phase inverters for motor drives
■ Dish washers, refrigerator compressors,
heating systems, air-conditioning fans,
draining and recirculation pumps
Description
This intelligent power module implements a
compact, high performance AC motor drive in a
simple, rugged design. It is composed of six
IGBTs with freewheeling diodes and three half-
bridge HVICs for gate driving, providing low
electromagnetic interference (EMI) characteristics
with optimized switching speed. The package is
optimized for thermal performance and
compactness in built-in motor applications, or
other low power applications where assembly
space is limited. This IPM includes an operational
amplifier, completely uncommitted, and a
comparator that can be used to design a fast and
efficient protection circuit. SLLIMM™ is a
trademark of STMicroelectronics.
NDIP-26L
Table 1.
Device summary
Order code
Marking
Package
Packaging
STGIPN3H60
GIPN3H60
NDIP-26L
Tube
www.st.com


Similar Part No. - STGIPN3H60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPN3H60-H STMICROELECTRONICS-STGIPN3H60-H Datasheet
1Mb / 23P
3-phase inverters for motor drives
08-Sep-2016
STGIPN3H60A STMICROELECTRONICS-STGIPN3H60A Datasheet
447Kb / 17P
SLLIMM??nano (small low-loss intelligent molded module) IPM
02-May-2012
STGIPN3H60AT STMICROELECTRONICS-STGIPN3H60AT Datasheet
497Kb / 19P
SLLIMM™nano (small low-loss intelligent molded module) IPM, 3 A - 600 V 3-phase IGBT inverter bridge
30-Sep-2014
STGIPN3H60T-H STMICROELECTRONICS-STGIPN3H60T-H Datasheet
1Mb / 26P
Optimized for low electromagnetic interference
16-Mar-2017
More results

Similar Description - STGIPN3H60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPN3H60A STMICROELECTRONICS-STGIPN3H60A Datasheet
447Kb / 17P
SLLIMM??nano (small low-loss intelligent molded module) IPM
02-May-2012
STGIPS10K60T STMICROELECTRONICS-STGIPS10K60T Datasheet
934Kb / 20P
SLLIMM (small low-loss intelligent molded module) IPM, 3-phase inverter - 10 A, 600 V short-circuit rugged IGBT
30-Apr-2013
STGIPS30C60-H STMICROELECTRONICS-STGIPS30C60-H Datasheet
1Mb / 21P
SLLIMM small low-loss intelligent molded module IPM 3-phase inverter - 30 A
12-Jul-2013
STGIPS30C60 STMICROELECTRONICS-STGIPS30C60 Datasheet
1Mb / 21P
SLLIMM small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
12-Jul-2013
STGIPS14K60T STMICROELECTRONICS-STGIPS14K60T Datasheet
880Kb / 20P
SLLIMM (small low-loss intelligent molded module) IPM
15-May-2013
STGIPL20K60 STMICROELECTRONICS-STGIPL20K60 Datasheet
705Kb / 24P
SLLIMM??(small low-loss intelligent molded module) IPM, 3-phase inverter - 20 A, 600 V short-circuit rugged IGBT
17-Jun-2013
STGIPN3H60AT STMICROELECTRONICS-STGIPN3H60AT Datasheet
497Kb / 19P
SLLIMM™nano (small low-loss intelligent molded module) IPM, 3 A - 600 V 3-phase IGBT inverter bridge
30-Sep-2014
STGIPS30C60T-H STMICROELECTRONICS-STGIPS30C60T-H Datasheet
712Kb / 19P
SLLIMM™ small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
10-Apr-2015
STGIPL14K60 STMICROELECTRONICS-STGIPL14K60_V01 Datasheet
883Kb / 26P
SLLIMM™ (small low-loss intelligent molded module)IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
17-Oct-2013
STGIPL30C60 STMICROELECTRONICS-STGIPL30C60 Datasheet
742Kb / 23P
SLLIMM™ (small low-loss intelligent molded module) IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBT
12-Apr-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com