Electronic Components Datasheet Search
  English  ▼

X  

SW50-4G Datasheet(PDF) 29 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW50-4G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW50-4G Datasheet(HTML) 29 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW50-4G Datasheet HTML 25Page - Aavid, Thermal Division of Boyd Corporation SW50-4G Datasheet HTML 26Page - Aavid, Thermal Division of Boyd Corporation SW50-4G Datasheet HTML 27Page - Aavid, Thermal Division of Boyd Corporation SW50-4G Datasheet HTML 28Page - Aavid, Thermal Division of Boyd Corporation SW50-4G Datasheet HTML 29Page - Aavid, Thermal Division of Boyd Corporation SW50-4G Datasheet HTML 30Page - Aavid, Thermal Division of Boyd Corporation SW50-4G Datasheet HTML 31Page - Aavid, Thermal Division of Boyd Corporation SW50-4G Datasheet HTML 32Page - Aavid, Thermal Division of Boyd Corporation SW50-4G Datasheet HTML 33Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 116 page
background image
29
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
7022
Channel style heat sink with folded back fins
5510
High performance channel style heat sink with folded back fins
High performance channel style
heat sink with folded back fins
for greater cooling capacity in a
minimum of space when mounted
horizontally. Folded back fin design
maximizes surface area without
increasing the vertical space
required by the heat sink.
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
01
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
Part Number
Description
551002B00000G
High performance channel style heat sink with folded back fins
ORDERING INFORMATION
25.55
(1.006)
13.21
(0.520)
19.99
(0.787)
ø 3.68
(0.145)
THRU
36.83
(1.450)
13.46
(0.530)
9.91
(0.390)
12.78
(0.503)
CL
13.46
(0.530)
Material: 1.27 (0.050) Thick Aluminum
Finish: Black Anodize
TO-220 Heat Sinks
Position
Code
Description
Details
A
01
6-32 Wave On threaded insert
Page 89
0.100 stand off
POPULAR OPTIONS:
Channel style heat sink with
folded back fins for increased
cooling surface area. Available
with tin plated solderable tabs
for easy attachment to the
printed circuit card.
9.52
(0.375)
50.44
(1.986)
23.01
(0.906)
49.99
(1.968)
3.81
(0.150)
21.03
(0.828)
2x 3.81
(0.150)
2.02
(0.080)
2.67
(0.105)
24.16
(0.951)
4.83
(0.190)
3.18
(0.125)
2.29
(0.090)
2x
4.44
(0.175)
ø
2x 2.03
(0.080)
"X"
14.48
(0.570)
TAB
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
04
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
Part Number
Description
Finish
7022BG
Channel heat sink with no solderable tabs
Black anodize
7022PBG
Channel heat sink with no solderable tabs
Pre black anodize*
7022B-MTG
With solderable tabs
Black anodize
2.90 ( 0.114)
7022PB-MTG
With solderable tabs
Pre black anodize*
2.90 ( 0.114)
ORDERING INFORMATION
Material: 1.27 (0.050) Thick Aluminum
Finish: See Table
* Edges cut during the manufacturing process will be unfinished.
See page 110 for more information
Position
Code
Description
Location
Details
A
TC11-MT
Insulated device mounting clip for T0-220 and solderable tabs
Hole X
Page 93, 98
POPULAR OPTIONS:
Dia of PCB
Plated Thru
Hole for Tabs
Base part no.
A
7022B-
G
Base part no.
A
551002B0 00 00G
For additional options see page 85
For additional options see page 82
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com