Electronic Components Datasheet Search
  English  ▼

X  

SW50-4G Datasheet(PDF) 43 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW50-4G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW50-4G Datasheet(HTML) 43 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW50-4G Datasheet HTML 39Page - Aavid, Thermal Division of Boyd Corporation SW50-4G Datasheet HTML 40Page - Aavid, Thermal Division of Boyd Corporation SW50-4G Datasheet HTML 41Page - Aavid, Thermal Division of Boyd Corporation SW50-4G Datasheet HTML 42Page - Aavid, Thermal Division of Boyd Corporation SW50-4G Datasheet HTML 43Page - Aavid, Thermal Division of Boyd Corporation SW50-4G Datasheet HTML 44Page - Aavid, Thermal Division of Boyd Corporation SW50-4G Datasheet HTML 45Page - Aavid, Thermal Division of Boyd Corporation SW50-4G Datasheet HTML 46Page - Aavid, Thermal Division of Boyd Corporation SW50-4G Datasheet HTML 47Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 116 page
background image
43
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
5748, 5798, 5799
Clip on style heat sink featuring an integrated clip
Clip on style heat sink features
an integrated clip to retain the
device meaning no mounting
hardware is required. Models
have fins on both sides, left or
right side and are available with
solderable tabs for easy attach-
ment to the PC board.
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
579902
574802
579802
6043, 6049, 6094
Low cost, clip on style heat sink featuring a locking tab
Low cost, clip on style heat sink
features a locking tab to prevent
the device from dislodging from
the heat sink. Also includes slide
runners to ensure proper device
alignment. Available in a pre-black
anodize finish.
"D"
"C"
"A"
"E"
"B"
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
6049
6043
6094
Part Number
“A” Dim
“B” Dim
“C” Dim
“D” Dim
“E” Dim
6043PBG
25.40 (1.000)
16.51 (0.650)
10.16 (0.400)
20.32 (0.800)
6.81 (0.268)
6049PBG
25.40 (1.000)
16.51 (0.650)
10.16 (0.400)
13.97 (0.550)
6.81 (0.268)
6094PBG
19.71 (0.776)
14.73 (0.580)
10.92 (0.430)
20.32 (0.800)
6.45 (0.254)
ORDERING INFORMATION
Material: 0.63 (0.025) Thick Aluminum
Finish: Pre-Black Anodize*
TO-220 Heat Sinks
Part Number
Description
Figure
574802B00000G
Clip on heat sink, left & right side fins, no solderable tabs
A
574802B03300G
Left & right side fins with solderable tabs
A
1.91 (0.075)
579802B00000G
Left side fin, no solderable tabs
B
579802B03300G
Left side fin with solderable tab
B
1.91 (0.075)
579902B00000G
Right side fin, no solderable tabs
B
579902B03300G
Right side fin with solderable tab
B
1.91 (0.075)
ORDERING INFORMATION
Dia of PCB
Plated Thru
Hole for Tabs
25.15
(0.990)
25.91
(1.020)
10.67
(0.420)
5.97
(0.240)
22.86
(0.900)
3.18
(0.125)
LOCKING CATCH
9.52
(0.380)
0.50
(0.020)
1.57
(0.062)
5.08
(0.200)
ø
TAB
19.05
(0.750)
22.86
(0.900)
13.56
(0.530)
3.18
(0.125)
0.51
(0.020)
1.57
(0.062)
9.52
(0.375)
10.67
(0.420)
5.08
(0.200)
LOCKING CATCH
ø
10.67
(0.420)
TAB
Material: 0.63 (0.025) Thick Aluminum
Finish: Black Anodize
*Edges cut during the manufacturing process will be unfinished.
See page 110 for more information
FIGURE A
FIGURE B
Note: Fins on left or right. Right hand side model shown
For additional options see page 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com