Electronic Components Datasheet Search
  English  ▼

X  

GF1250 Datasheet(PDF) 21 Page - Cooper Bussmann, Inc.

Part # GF1250
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GF1250 Datasheet(HTML) 21 Page - Cooper Bussmann, Inc.

Back Button GF1250 Datasheet HTML 17Page - Cooper Bussmann, Inc. GF1250 Datasheet HTML 18Page - Cooper Bussmann, Inc. GF1250 Datasheet HTML 19Page - Cooper Bussmann, Inc. GF1250 Datasheet HTML 20Page - Cooper Bussmann, Inc. GF1250 Datasheet HTML 21Page - Cooper Bussmann, Inc. GF1250 Datasheet HTML 22Page - Cooper Bussmann, Inc. GF1250 Datasheet HTML 23Page - Cooper Bussmann, Inc. GF1250 Datasheet HTML 24Page - Cooper Bussmann, Inc. GF1250 Datasheet HTML 25Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Class gG (gF)
250 - 400V / 0.5 - 32A
Sizes: 6x23, 8x23, 10x25
8x31, 10x31, 8x36
10x38
Specifications
Description:
Cylindrical fuses for domestic protection.
Available in types with and without striker indicator.
Ratings:
Applications:
Protection of power lines, heating
circuits, lighting circuits. electrical domestic appliances
and domestic electricity meters
Agency Information:
NF C 62203, EN IEC 60269-3,
NF marking (see references in bold in catalogue
numbers chart)
RoHS Compliant
Dimensions
Cylindrical Domestic Fuses
Volts: - 250V ac (6x23, 8x23, 10x25)
400V ac (8x31, 10x31, 8x36, 10x38)
Amps: - 0.5 - 32A
IR - 6kA (6x23, 8x23, 10x25)
- 20kA (8x31, 10x31, 8x36, 10x36)
Size
A
B
C
6 x 23
6.3
23
5
8 x 23
8.5
23
5
8 x 31
8.5
31.5
6.3
8 x 36
8.5
36
6.3
10 x 25
10.3
25.8
6.3
10 x 31
10.3
31.5
6.3
10 x 38
10.3
38
10
Catalogue Numbers
22
Size
Currrent
(A)
References
without
Indicator
References
with
Indicator
Voltage
(V)
Interrupting
Rating
(kA)
UP*
6x23
2
4
6
10
CD0623G2
CD0623G4
CD0623G6
CD0623G10
250V
6kA
10
8x23
2
4
6
10
16
CD0823G2
CD0823G4
CD0823G6
CD0823G10
CD0823G16
CD0823G2I
CD0823G4I
CD0823G6I
CD0823G10I
CD0823G16I
250V
6kA
10
10x25
6
10
16
CD1025G6
CD1025G10
CD1025G16
CD1025G6I
CD1025G10I
CD1025G16I
250V
6kA
10
8x31
0.5
1
2
4
6
8
10
12
16
20
CD0831G0.5
CD0831G1
CD0831G2
CD0831G4
CD0831G6
CD0831G8
CD0831G10
CD0831G12
CD0831G16
CD0831G20
-
-
CD0831G2I
CD0831G4I
CD0831G6I
CD0831G8I
CD0831G10I
CD0831G12I
CD0831G16I
CD0831G20I
400V
20kA
10
10x31
16
20
25
CD1031G16
CD1031G20
CD1031G25
CD1031G16I
CD1031G20I
CD1031G25I
400V
20kA
10
8x36
2
4
6
10
16
20
25
32
CD0836G2
CD0836G4
CD0836G6
CD0836G10
CD0836G16
CD0836G20
CD0836G25
CD0836G32
CD0836G2I
CD0836G4I
CD0836G6I
CD0836G10I
CD0836G16I
CD0836G20I
CD0836G25I
CD0836G32I
400V
20kA
12
10x38
25
32
CD1038G25
CD1038G32
CD1038G25I
CD1038G32I
400V
20kA
10
*UP = Unit Packing
NFC 60203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com