Electronic Components Datasheet Search
  English  ▼

X  

GF1250 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # GF1250
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GF1250 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  GF1250 Datasheet HTML 1Page - Cooper Bussmann, Inc. GF1250 Datasheet HTML 2Page - Cooper Bussmann, Inc. GF1250 Datasheet HTML 3Page - Cooper Bussmann, Inc. GF1250 Datasheet HTML 4Page - Cooper Bussmann, Inc. GF1250 Datasheet HTML 5Page - Cooper Bussmann, Inc. GF1250 Datasheet HTML 6Page - Cooper Bussmann, Inc. GF1250 Datasheet HTML 7Page - Cooper Bussmann, Inc. GF1250 Datasheet HTML 8Page - Cooper Bussmann, Inc. GF1250 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Consumer Unit Fuse Link
240V / 5 - 45 A
Specifications
Description:
Cylindrical Fuse Links for
domestic application according to
BS1361
Ratings:
Applications:
Protection of domestic distribution systems.
Agency Information:
Approved to BS1361
Catalogue Numbers
BK (Part Number), Unit packing = 100
Dimensions
Plug Top Fuse Links
240V / 1 - 13A
Specifications
Description:
Cylindrical Fuse
links for domestic applications
according to BS1362, to be fitted
into domestic BS1363 plug top to conform with the
requirements of the Plug and Socket Safety Regulations
1995
Ratings:
Applications:
protection of the cables connected to
domestic equipment against overloads or small
overcurrents.
Agency Information:
BSI Kite Mark, ASTA accredita-
tion (except 1A Fuse), BS1362
RoHS Compliant
Catalogue Numbers
Rating
(A)
Catalogue
Number
Colour Code
Unit
Packing
5
C55
White
10
15
C1515
Blue
20
C1520
Yellow
30
C3030
Red
45
C4545
Green
Catalogue
Number
A
B
C55
5.35
23
C1515
10.2
26
C1520
10.32
26
C3030
12.7
29
C4545
16.67
35
Rating
(A)
Catalogue
Number
Colour Code
Unit
Packing
1
C180-1A
Black
10
2
C180-2A
Black
3
C180-3A
Red
5
C180-5A
Black
7
C180-7A
Black
10
C180-10A
Black
13
C180-13A
Black
Catalogue
Number
A
B
C180-RatingA
6.45
25.4
Domestic Applications to BS1361 & BS1312
Dimensions
BK-(Part Number), Unit packing= 100
Volts: - 240V
Amps: - 5 - 45A
IR - 16.5kA
Volts: - 240V
Amps: - 1 - 13A
IR - 6kA
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com