Electronic Components Datasheet Search
  English  ▼

X  

SN11086 Datasheet(PDF) 1 Page - SONiX Technology Company

Part # SN11086
Description  Second Generation USB1.1 Flash Memory Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11086 Datasheet(HTML) 1 Page - SONiX Technology Company

  SN11086 Datasheet HTML 1Page - SONiX Technology Company SN11086 Datasheet HTML 2Page - SONiX Technology Company SN11086 Datasheet HTML 3Page - SONiX Technology Company SN11086 Datasheet HTML 4Page - SONiX Technology Company SN11086 Datasheet HTML 5Page - SONiX Technology Company SN11086 Datasheet HTML 6Page - SONiX Technology Company SN11086 Datasheet HTML 7Page - SONiX Technology Company SN11086 Datasheet HTML 8Page - SONiX Technology Company SN11086 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN11086
2003/2/28 ver 0.1
1
SN11086
Second Generation USB1.1 Flash Memory Controller
Version 0.1
2003/2/28
1 General Description
SN11086 is a high-performance integrated circuit to access the NAND type Flash memory
via the USB 1.1 bus. It provides a flexible and cost efficient single chip solution for external
storage applications such as USB Disk (Flash Disk). With the capability to be pin-to-pin
compatible to SN11085, the current user of SN11085 can easily upgrade to SN11086 with no
engineering effort needed at all. With all the features inherited from SN11085 like the low
6MHz system clock to reduce the EMI, the embedded translation table to eliminate the cost
of external memory, the Sonix proprietary randomization algorithm to extend the lifetime of
flash memory and ensure the product robustness, and the real time ECC correction function,
the SN 11086 adds several other unique features to reduce the cost of the end product and
meet the customer’s requirements.
To enrich the product line of the OEM manufacture, with the ability to support 8 pieces of
flash memories and the new types of 2G bits flashes, SN11086 can be used to build up a
storage device up to 2 Giga bytes. To reduce the total cost of the end product, SN11086
incorporates a power MOS inside to meet the current requirement (500 uA) in USB suspend
state. The usage of EEPROM can also now be eliminated by the capability to program the
customized vendor/product ID/string in the flash itself. Therefore, the total cost is reduced by
upgrade from SN11085 to SN11086.
For fulfilling different customers’ needs, SN11086 now provides several ways to build
different end products. The first one is to provide different security functions. The OEM
manufacturers can program one of the two ways in manufacturing via software. The flashing
ways of LED can also be selected by software now. With these flexibilities, the
manufacturers can easily build different products by using exactly the same components.


Similar Part No. - SN11086

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11083 SONIX-SN11083 Datasheet
523Kb / 7P
USB to Flash Interface Controller, Mass Storage Class Compliant
SN11085 SONIX-SN11085 Datasheet
229Kb / 16P
SN11085 USB1.1 Flash memory Controller
SN11087 SONIX-SN11087 Datasheet
227Kb / 14P
Second Generation USB1.1 Flash Memory Controller
SN11088 SONIX-SN11088 Datasheet
655Kb / 14P
Third Generation USB1.1 Flash Memory Controller
More results

Similar Description - SN11086

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11085 SONIX-SN11085 Datasheet
229Kb / 16P
SN11085 USB1.1 Flash memory Controller
SN11087 SONIX-SN11087 Datasheet
227Kb / 14P
Second Generation USB1.1 Flash Memory Controller
logo
Microsemi Corporation
LX1562 MICROSEMI-LX1562 Datasheet
443Kb / 25P
SECOND-GENERATION POWER FACTOR CONTROLLER
logo
Motorola, Inc
MC68EC030 MOTOROLA-MC68EC030 Datasheet
392Kb / 36P
Second-Generation 32-Bit Enhanced Embedded Controller
logo
SONiX Technology Compan...
SN11088 SONIX-SN11088 Datasheet
655Kb / 14P
Third Generation USB1.1 Flash Memory Controller
logo
Freescale Semiconductor...
MC68EC030 FREESCALE-MC68EC030 Datasheet
394Kb / 36P
Second-Generation 32-Bit Enhanced Embedded Controller
logo
List of Unclassifed Man...
AU9387 ETC2-AU9387 Datasheet
1Mb / 22P
USB1.1 Universal Flash Disk Controller Technical Reference Manual
logo
Freescale Semiconductor...
MC68EC030FE40C FREESCALE-MC68EC030FE40C Datasheet
387Kb / 36P
Second-Generation 32-Bit Enhanced Embedded Controller
logo
Shenzhen Xinmao Microel...
LP8773 LANDP-LP8773 Datasheet
921Kb / 11P
Second generation pre-conversIon PWM controller
LP8773S LANDP-LP8773S Datasheet
922Kb / 11P
Second generation pre-conversIon PWM controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com