Electronic Components Datasheet Search
  English  ▼

X  

SN11086 Datasheet(PDF) 4 Page - SONiX Technology Company

Part # SN11086
Description  Second Generation USB1.1 Flash Memory Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11086 Datasheet(HTML) 4 Page - SONiX Technology Company

  SN11086 Datasheet HTML 1Page - SONiX Technology Company SN11086 Datasheet HTML 2Page - SONiX Technology Company SN11086 Datasheet HTML 3Page - SONiX Technology Company SN11086 Datasheet HTML 4Page - SONiX Technology Company SN11086 Datasheet HTML 5Page - SONiX Technology Company SN11086 Datasheet HTML 6Page - SONiX Technology Company SN11086 Datasheet HTML 7Page - SONiX Technology Company SN11086 Datasheet HTML 8Page - SONiX Technology Company SN11086 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN11086
2003/2/28 ver 0.1
4
3. Pin Assignment
AVDD
AVS S
DP LUS
DMINUS
FLCE8
FLCE6
FLCE4
FLCE2
FLD4
FLD5
FLD3
VDD
XOUT
XIN
NC
TE S T
RS TN
LED1
FLCE7
FLCE5
FLCE3
FLCE1
FLCLE
VDD
15
10
15
20
25
30
35
40
45
Table 1 SN11086 pin list (red character is the pins different to SN11085)
# pin name type
drive special description
1 GND
PWR
Digital ground
2 FLD6
DIO
8mA PD
Flash memory I/O port bit 6
3 FLD2
DIO
8mA PD
Flash memory I/O port bit 2
4 FLD7
DIO
8mA PD
Flash memory I/O port bit 7
5 FLD1
DIO
8mA PD
Flash memory I/O port bit 1
6 FLD0
DIO
8mA PD
Flash memory I/O port bit 0
7 FLWP
DO
8mA
Flash memory write protect
8 FLRB
DI
Flash memory ready/busy
9 FLWE
DIO
8mA PD
Flash memory write enable
10 FLRE
DIO
8mA PD
Flash memory read enable
11 FLALE
DO
8mA
Flash memory address latch enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com