Electronic Components Datasheet Search
  English  ▼

X  

OSD100 Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # OSD100
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

OSD100 Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

Back Button OSD100 Datasheet HTML 2Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 3Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 4Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 5Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 6Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 7Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 8Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 9Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 10Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Offset Bolted Tags (Cont.../...)
240 - 550V ac / 80 - 200A
Specifications
Description:
Fuse Links for general industrial applications
with Q1 fusing factor - general purpose (gG) and motor
protection (gM) characteristics
Applications:
General Industrial & Motors applications
OSD
550V ac (gG) / 80 - 100A
415V ac (gM)
Catalogue Numbers
Industrial & Motor Applications to BS88
Ratings:
Agency information:
Meets BS88: Part 1 & 2 (1988),
IEC 269: Parts 1 (1986)
RoHS Compliant
DEO
415V ac / 125 - 200A (gG) (gM)
Catalogue Numbers
Dimensions
Rating (A)
Catalogue
Number
Class
BS Ref
Fixing
Centres
mm
Unit
Packing
80
OSD80
gG
N/A
73
20
100
OSD100
100M125
OSD100M125
gM
100M160
OSD100M160
Fuseholders: CAMASTER CM100F, see page 20
Part
No
Dimensions (mm)
A
B
C
D
E
F
G
H
J
OSD
95.0
73
54.5
21.0
22.5
1.2
12.7
8.0
5.5
OSD100M
26.0
25.7
Dimensions
Part
No
Dimensions (mm)
A
B
C
D
E
F
G
H
J
DEO
110
94
47.0
31.0
29.5
3.2
19.0
10.0
9.0
DEO200M
Rating (A)
Catalogue
Number
Class
BS Ref
Fixing
Centres
mm
Unit
Packing
125
DEO125
gG
N/A
94
5
160
DEO160
200
DEO200
200M250
DEO200M250
gM
200M315
DEO200M315
Volts: - 415 - 550V ac
Amps: - 80 - 200A
IR - 80kA @ 415 / 550V ac
Data Sheet: 4107
Data Sheet: 4117
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com