Electronic Components Datasheet Search
  English  ▼

X  

OSD100 Datasheet(PDF) 12 Page - Cooper Bussmann, Inc.

Part # OSD100
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

OSD100 Datasheet(HTML) 12 Page - Cooper Bussmann, Inc.

Back Button OSD100 Datasheet HTML 8Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 9Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 10Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 11Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 12Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 13Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 14Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 15Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 16Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Offset Bolted Tags
660-690V / 2 - 200A
Specifications
Description:
Fuse links for industrial
applications at 660/690V that meets
dimensional and performance
requirements of BS88 and IEC 269-1-2
standards
Ratings:
Applications:
Protection of large industrial installations
at 600/690Vac
Agency information:
Meets BS88: Part 1 & 2 and IEC
269: Parts 1 & 2
RoHS Compliant
Catalogue Numbers
Industrial Applications to BS88 - 660/690V
Rating
(A)
Catalogue
Number
BS
Reference
Unit
Packing
CAMaster
fuseholder
2
2H07-660
A2
20
CM32F
4
4H07-660
6
6H07-660
10
10H07-660
16
16H07-660
20
20H07-660
25
25H07-660
32
32H07-660
40
40K07-660
A3
20
CM63F
CM100F
50
50K07-660
63
63K07-660
80
80L14-660
A4
10
N/A
100
100L14-660
125
125M14-660
N/A
5
N/A
160
160M14-660
200
200M14-660
Part No
Dimensions (mm)
A
B
C
D
E
F
G
H
J
H07-660
82.3
73
52.0
22.0
22.4
11.5
8.7
7.7
5.4
K07-660
86.0
73
54.2
25.8
26.9
14.0
12.7
10.5
5.5
L14-660
111.0
94
67.0
35.5
37.0
19.2
19.0
10.3
8.7
M14-660
112.0
94
66.0
38.0
38.0
19.0
19.0
10.0
8.5
Volts: - 660 / 690V ac
- 250V dc (2 - 63A)
- 400V dc (80 - 200A)
Amps: - 2 - 200A
IR - 80kA @ 660V ac
- 40kA @ 400V dc
Data Sheet H07: 4150
Data Sheet K07: 4151
Data Sheet L14: 4152
Data Sheet M14: 4153
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com