Electronic Components Datasheet Search
  English  ▼

X  

LM118J/883 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM118J/883
Description  LM118QML Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM118J/883 Datasheet(HTML) 2 Page - Texas Instruments

  LM118J/883 Datasheet HTML 1Page - Texas Instruments LM118J/883 Datasheet HTML 2Page - Texas Instruments LM118J/883 Datasheet HTML 3Page - Texas Instruments LM118J/883 Datasheet HTML 4Page - Texas Instruments LM118J/883 Datasheet HTML 5Page - Texas Instruments LM118J/883 Datasheet HTML 6Page - Texas Instruments LM118J/883 Datasheet HTML 7Page - Texas Instruments LM118J/883 Datasheet HTML 8Page - Texas Instruments LM118J/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LM118QML
Operational Amplifier
General Description
The LM118 is a precision high speed operational amplifier
designed for applications requiring wide bandwidth and high
slew rate. It features a factor of ten increase in speed over
general purpose devices without sacrificing DC perfor-
mance.
The LM118 has internal unity gain frequency compensation.
This considerably simplifies its application since no external
components are necessary for operation. However, unlike
most internally compensated amplifiers, external frequency
compensation may be added for optimum performance. For
inverting applications, feed forward compensation will boost
the slew rate to over 150V/µs and almost double the band-
width. Overcompensation can be used with the amplifier for
greater stability when maximum bandwidth is not needed.
Further, a single capacitor can be added to reduce the 0.1%
settling time to under 1 µs.
The high speed and fast settling time of this op amp makes
it useful in A/D converters, oscillators, active filters, sample
and hold circuits, or general purpose amplifiers. This device
is easy to apply and offers an order of magnitude better AC
performance than industry standards such as the LM709.
Features
n
15 MHz small signal bandwidth
n
Guaranteed 50V/µs slew rate
n
Maximum bias current of 250 nA
n
Operates from supplies of ±5V to ±20V
n
Internal frequency compensation
n
Input and output overload protected
n
Pin compatible with general purpose op amps
Ordering Information
NS Part Number
JAN Part Number
NS Package Number
Package Description
LM118H/883
H08C
8LD TO-99 Metal Can
LM118J-8/883
J08A
8LD CERDIP
LM118J/883
J14A
14LD CERDIP
LM118WG/883
WG10A
10LD Ceramic SOIC
Fast Voltage Follower
(Note 1)
20128313
Note 1: Do not hard-wire as voltage follower (R1
≥ 5kΩ)
July 2005
© 2005 National Semiconductor Corporation
DS201283
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com