Electronic Components Datasheet Search
  English  ▼

X  

LM118J/883 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM118J/883
Description  LM118QML Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM118J/883 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM118J/883 Datasheet HTML 2Page - Texas Instruments LM118J/883 Datasheet HTML 3Page - Texas Instruments LM118J/883 Datasheet HTML 4Page - Texas Instruments LM118J/883 Datasheet HTML 5Page - Texas Instruments LM118J/883 Datasheet HTML 6Page - Texas Instruments LM118J/883 Datasheet HTML 7Page - Texas Instruments LM118J/883 Datasheet HTML 8Page - Texas Instruments LM118J/883 Datasheet HTML 9Page - Texas Instruments LM118J/883 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
LM118
883 Electrical Characteristics
DC Parameters
The following conditions apply, unless otherwise specified.
DC
V
CC = ±15V, VCM =0V
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
V
IO
Input Offset Voltage
V
CM = ± 11.5V, RS =50
Ω
-4.0
+4.0
mV
1
-6.0
+6.0
mV
2, 3
V
CC = ± 20V, RS =50
Ω
-4.0
+4.0
mV
1
-6.0
+6.0
mV
2, 3
V
CC = ± 20V, VCM = ± 15V,
R
S =50
Ω
-4.0
+4.0
mV
1
-6.0
+6.0
mV
2, 3
V
CC = ± 5V, RS =50
Ω
-4.0
+4.0
mV
1
-6.0
+6.0
mV
2, 3
I
IO
Input Offset Current
V
CM = ± 11.5V, RS = 10K
Ω
-50
+50
nA
1
-100
+100
nA
2, 3
V
CC = ± 20V, RS = 10K
Ω
-50
+50
nA
1
-100
+100
nA
2, 3
V
CC = ± 5V, RS = 10K
Ω
-50
+50
nA
1
-100
+100
nA
2, 3
I
IB
Input Bias Current
V
CM = ± 11.5V, RS= 10K
Ω
1.0
250
nA
1
1.0
500
nA
2, 3
V
CC = ± 20V, RS = 10K
Ω
1.0
250
nA
1
1.0
500
nA
2, 3
V
CC = ± 5V, RS = 10K
Ω
1.0
250
nA
1
1.0
500
nA
2, 3
PSRR
Power Supply Rejection Ratio
+V
CC = 20V to 5V, RS =50
Ω
70
dB
1, 2, 3
-V
CC = -20V to -5V, RS =50
Ω
70
dB
1, 2, 3
CMRR
Common Mode Rejection Ratio V
CC = ± 15V, VCM = ± 11.5V,
R
S =50
Ω
80
dB
1, 2, 3
+I
OS
Short Circuit Current
t < 25mS
-65
-5.0
mA
1, 2, 3
-I
OS
Short Circuit Current
t < 25mS
5.0
65
mA
1, 2
5.0
80
mA
3
I
CC
Power Supply Current
V
CC = ± 20V
8.0
mA
1
7.0
mA
2
11
mA
3
V
IO adj.
Input Offset Voltage Adjust
V
CC = ± 20V
4.0
-4.0
mV
1
R
I
Input Resistance
(Note 9)
1.0
M
Ω
1
V
I
Input Voltage Range
V
CC = ± 15V
(Note 8)
-11.5 +11.5
V
1, 2, 3
A
VS
Large Signal Voltage Gain
R
L =2K
Ω,V
O = 0 to -10V
(Note 10)
50
V/mV
4
(Note 10)
25
V/mV
5, 6
R
L =2K
Ω,V
O = 0 to +10V
(Note 10)
50
V/mV
4
(Note 10)
25
V/mV
5, 6
V
O
Output Voltage Swing
R
L=2K
Ω
+12
-12
V
4, 5, 6
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com