Electronic Components Datasheet Search
  English  ▼

X  

MAX3221MDBREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3221MDBREP
Description  3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3221MDBREP Datasheet(HTML) 4 Page - Texas Instruments

  MAX3221MDBREP Datasheet HTML 1Page - Texas Instruments MAX3221MDBREP Datasheet HTML 2Page - Texas Instruments MAX3221MDBREP Datasheet HTML 3Page - Texas Instruments MAX3221MDBREP Datasheet HTML 4Page - Texas Instruments MAX3221MDBREP Datasheet HTML 5Page - Texas Instruments MAX3221MDBREP Datasheet HTML 6Page - Texas Instruments MAX3221MDBREP Datasheet HTML 7Page - Texas Instruments MAX3221MDBREP Datasheet HTML 8Page - Texas Instruments MAX3221MDBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
DRIVER SECTION
Electrical Characteristics
(1)
Switching Characteristics
(1)
MAX3221-EP
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS751 – OCTOBER 2006
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VOH
High-level output voltage
DOUT at RL = 3 kΩ to GND, DIN = GND
5
5.4
V
VOL
Low-level output voltage
DOUT at RL = 3 kΩ to GND, DIN = VCC
–5
–5.4
V
IIH
High-level input current
VI = VCC
±0.01
±1
µA
IIL
Low-level input current
VI = GND
±0.01
±1
µA
VCC = 3.6 V, VO = 0 V
±35
±60
Short-circuit output
IOS
mA
current(3)
VCC = 5.5 V, VO = 0 V
±35
±60
ro
Output resistance
VCC, V+, and V– = 0 V, VO = ±2 V
300
10M
Ω
VO = ±12 V, VCC = 3 V to 3.6 V
±25
Ioff
Output leakage current
FORCEOFF = GND
µA
VO = ±10 V, VCC = 4.5 V to 5.5 V
±25
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Short-circuit durations should be controlled to prevent exceeding the device absolute power dissipation ratings, and not more than one
output should be shorted at a time.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
Maximum data rate
CL = 1000 pF,
RL = 3 kΩ,
See Figure 1
150
250
kbit/s
tsk(p)
Pulse skew(3)
CL = 150 pF to 2500 pF,
RL = 3 kΩ to 7 kΩ,
See Figure 2
100
ns
Slew rate, transition
VCC = 3.3 V,
SR(tr)
CL = 150 pF to 1000 pF
6
30
V/
µs
region (see Figure 1)
RL = 3 kΩ to 7 kΩ
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Pulse skew is defined as |tPLH – tPHL| of each channel of the same device.
ESD Protection
TERMINAL
TEST CONDITIONS
TYP
UNIT
NAME
NO.
DOUT
13
Human-Body Model (HBM)
±15
kV
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com