Electronic Components Datasheet Search
  English  ▼

X  

MAX3221MDBREP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3221MDBREP
Description  3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3221MDBREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button MAX3221MDBREP Datasheet HTML 5Page - Texas Instruments MAX3221MDBREP Datasheet HTML 6Page - Texas Instruments MAX3221MDBREP Datasheet HTML 7Page - Texas Instruments MAX3221MDBREP Datasheet HTML 8Page - Texas Instruments MAX3221MDBREP Datasheet HTML 9Page - Texas Instruments MAX3221MDBREP Datasheet HTML 10Page - Texas Instruments MAX3221MDBREP Datasheet HTML 11Page - Texas Instruments MAX3221MDBREP Datasheet HTML 12Page - Texas Instruments MAX3221MDBREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.ti.com
TESTCIRCUIT
50 W
Generator
(seeNoteB)
FORCEOFF
ROUT
FORCEON
Auto-
powerdown
INVALID
DOUT
DIN
C =30pF
L
(seeNote A)
2.7V
-2.7V
0.3V
-0.3V
0V
ValidRS-232Level,INVALIDHigh
Indeterminate
Indeterminate
IfSignalRemainsWithinThisRegion
ForMoreThan30 µs,INVALIDIsLow*
ValidRS-232Level,INVALIDHigh
*
Auto-powerdowndisablesdriversandreducessupply
currentto1
A.
m
VOLTAGEWAVEFORMS
3V
2.7V
-2.7V
INVALID
Output
Receiver
Input
t
valid
0V
0V
-3V
V
CC
0V
»V+
0V
»V-
V+
V
CC
t
en
V-
50%V
CC
50%V
CC
2.7V
-2.7V
0.3V
0.3V
t
invalid
Supply
Voltages
NOTES:
A.C includesprobeandjigcapacitance.
L
B.
Thepulsegeneratorhasthefollowingcharacteristics:PRR=250kbit/s,Z
=50
,50%dutycycle,t
10ns,t
10ns.
O
r
f
W
£
£
MAX3221-EP
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS751 – OCTOBER 2006
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 5. INVALID Propagation Delay Times and Driver Enabling Time
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com