Electronic Components Datasheet Search
  English  ▼

X  

MAX3232MPWREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3232MPWREP
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3232MPWREP Datasheet(HTML) 2 Page - Texas Instruments

  MAX3232MPWREP Datasheet HTML 1Page - Texas Instruments MAX3232MPWREP Datasheet HTML 2Page - Texas Instruments MAX3232MPWREP Datasheet HTML 3Page - Texas Instruments MAX3232MPWREP Datasheet HTML 4Page - Texas Instruments MAX3232MPWREP Datasheet HTML 5Page - Texas Instruments MAX3232MPWREP Datasheet HTML 6Page - Texas Instruments MAX3232MPWREP Datasheet HTML 7Page - Texas Instruments MAX3232MPWREP Datasheet HTML 8Page - Texas Instruments MAX3232MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LOGIC DIAGRAM (POSITIVE LOGIC)
DIN1
DOUT1
RIN1
ROUT1
DIN2
DOUT2
RIN2
ROUT2
11
10
12
9
14
7
13
8
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS (see
(1)and Figure 4)
MAX3232-EP
SGLS337A – APRIL 2006 – REVISED MARCH 2009......................................................................................................................................................... www.ti.com
FUNCTION TABLE
EACH DRIVER
EACH RECEIVER
INPUT DIN
OUTPUT DOUT
INPUT RIN
OUTPUT ROUT
L
H
L
H
H
L
H
L
Open
H
H = high level, L = low level, Open = input disconnected or connected driver off
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC
Supply voltage range(1)
–0.3 to 6
V
V+
Positive output supply voltage range(1)
–0.3 to 7
V
V–
Negative output supply voltage range(1)
0.3 to –7
V
V+ – V–
Supply voltage difference(1)
13
V
Input voltage range
Drivers
–0.3 to 6
V
VI
Receivers
–25 to 25
V
Output voltage range
Drivers
–13.2 to 13.2
V
VO
Receivers
–0.3 to VCC + 0.3
V
θ
JA
Package thermal impedance(2)
DB package
82
°C/W
PW package
108
°C/W
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
All voltages are with respect to network GND.
(2)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
MIN
NOM
MAX
UNIT
VCC = 3.3 V
3
3.3
3.6
Supply voltage
V
VCC = 5 V
4.5
5
5.5
VCC = 3.3 V
2
VIH
Driver high-level input voltage
DIN
V
VCC = 5 V
2.4
VIL
Driver low-level input voltage
DIN
0.8
V
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ±0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ±0.5 V.
2
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): MAX3232-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com