Electronic Components Datasheet Search
  English  ▼

X  

MAX3232MPWREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3232MPWREP
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3232MPWREP Datasheet(HTML) 1 Page - Texas Instruments

  MAX3232MPWREP Datasheet HTML 1Page - Texas Instruments MAX3232MPWREP Datasheet HTML 2Page - Texas Instruments MAX3232MPWREP Datasheet HTML 3Page - Texas Instruments MAX3232MPWREP Datasheet HTML 4Page - Texas Instruments MAX3232MPWREP Datasheet HTML 5Page - Texas Instruments MAX3232MPWREP Datasheet HTML 6Page - Texas Instruments MAX3232MPWREP Datasheet HTML 7Page - Texas Instruments MAX3232MPWREP Datasheet HTML 8Page - Texas Instruments MAX3232MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
FEATURES
APPLICATIONS
DB OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
VCC
GND
DOUT1
RIN1
ROUT1
DIN1
DIN2
ROUT2
SUPPORTS DEFENSE, AEROSPACE,
DESCRIPTION
MAX3232-EP
www.ti.com......................................................................................................................................................... SGLS337A – APRIL 2006 – REVISED MARCH 2009
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH ±15-kV ESD PROTECTION
• Battery-Powered Systems, PDAs, Notebooks,
• RS-232 Bus-Pin ESD Protection Exceeds
Laptops, Palmtop PCs, and Hand-Held
±15 kV Using Human-Body Model (HBM)
Equipment
• Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
• Operates With 3-V to 5.5-V V
CC Supply
• Operates Up To 250 kbit/s
• Two Drivers and Two Receivers
• Low Supply Current . . . 300 µA Typical
• External Capacitors . . . 4 × 0.1 µF
• Accepts 5-V Logic Input With 3.3-V Supply
• Alternative High-Speed Pin-Compatible Device
(1 Mbit/s)
–
SNx5C3232
AND MEDICAL APPLICATIONS
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Available in Military (–55°C/125°C)
Temperature Range(1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
(1)
Additional temperature ranges are available - contact factory
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SSOP (DB)
Reel of 2000
MAX3232MDBREP
–55°C to 125°C
MB3232M
TSSOP(PW)
Reel of 2000
MAX3232MPWREP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
The MAX3232 device consists of two line drivers, two line receivers, and a dual charge-pump circuit with ±15-kV
ESD protection pin to pin (serial-port connection pins, including GND). The device meets the requirements of
TIA/EIA-232-F and provides the electrical interface between an asynchronous communication controller and the
serial-port connector. The charge pump and four small external capacitors allow operation from a single 3-V to
5.5-V supply. The devices operate at data signaling rates up to 250 kbit/s and a maximum of 30-V/
µs driver
output slew rate.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MAX3232MPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3232MPWREP TI2-MAX3232MPWREP Datasheet
488Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV ESD PROTECTION
REVISED MARCH 2009
MAX3232MPWREP.A TI2-MAX3232MPWREP.A Datasheet
488Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV ESD PROTECTION
REVISED MARCH 2009
More results

Similar Description - MAX3232MPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3222E TI-MAX3222E Datasheet
311Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223 TI-TRS3223 Datasheet
417Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223-Q1 TI-TRS3223-Q1 Datasheet
241Kb / 12P
3-V To 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223 TI-TRS3223_08 Datasheet
448Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3232 TI-TRS3232_1 Datasheet
611Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3222E TI-MAX3222E_09 Datasheet
404Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3223-EP TI1-MAX3223-EP Datasheet
426Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRSF3222E TI1-TRSF3222E Datasheet
652Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
TEXAS ADVANCED OPTOELEC...
MAX3223EIDBG4 TAOS-MAX3223EIDBG4 Datasheet
646Kb / 22P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com