Electronic Components Datasheet Search
  English  ▼

X  

SN8P04XX Datasheet(PDF) 34 Page - SONiX Technology Company

Part # SN8P04XX
Description  OPT ROM:4096 16bits , RAM:128 8bits
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P04XX Datasheet(HTML) 34 Page - SONiX Technology Company

Back Button SN8P04XX Datasheet HTML 30Page - SONiX Technology Company SN8P04XX Datasheet HTML 31Page - SONiX Technology Company SN8P04XX Datasheet HTML 32Page - SONiX Technology Company SN8P04XX Datasheet HTML 33Page - SONiX Technology Company SN8P04XX Datasheet HTML 34Page - SONiX Technology Company SN8P04XX Datasheet HTML 35Page - SONiX Technology Company SN8P04XX Datasheet HTML 36Page - SONiX Technology Company SN8P04XX Datasheet HTML 37Page - SONiX Technology Company SN8P04XX Datasheet HTML 38Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image

   
 

2.1.
TC0M
65 :

3

"
"
"
"
" 
"
"
"
  "    
&
&
&

;@s -; ñ#%3¡# 3ñ#%
(;svw7hA]^%
31.I8 31.I N 31.I 31.I%

 s 7h3A]%3vw7hA 3Xw7hA 7%


2.2.
TC0C
7' :

3

@ &
@ 
@ 8
@ 
@ *
@ 
@ 
@ 




µ sÐÑ -£


 


  


 





s*78,- !ˆr.5 ù  ,¶ 8# ?@7™%
 ;+&,388#1.I

 -£³´s
+&,38O8**78



2.3.
89: :

 ;XYu„  -7 ¡#s


@@=
1 ;
$¡#  ?@—˜

@@=
1;@
$¡# -7 

5
(BC,
$
@5
B(
$]^7h31.I

5
(BC+&,


@5
B(
$,É ?@7™38 

@@ ;
1 ;
$ñ#  ?@—˜

@@=
1 0
$hV ?@<ð

@@ ;
1;@
$ñ#  -7 









Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com