Electronic Components Datasheet Search
  English  ▼

X  

SN8P04XX Datasheet(PDF) 65 Page - SONiX Technology Company

Part # SN8P04XX
Description  OPT ROM:4096 16bits , RAM:128 8bits
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P04XX Datasheet(HTML) 65 Page - SONiX Technology Company

Back Button SN8P04XX Datasheet HTML 58Page - SONiX Technology Company SN8P04XX Datasheet HTML 59Page - SONiX Technology Company SN8P04XX Datasheet HTML 60Page - SONiX Technology Company SN8P04XX Datasheet HTML 61Page - SONiX Technology Company SN8P04XX Datasheet HTML 62Page - SONiX Technology Company SN8P04XX Datasheet HTML 63Page - SONiX Technology Company SN8P04XX Datasheet HTML 64Page - SONiX Technology Company SN8P04XX Datasheet HTML 65Page - SONiX Technology Company SN8P04XX Datasheet HTML 66Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 65 / 66 page
background image

    
 

0
0
0
0 456
456
456
456

I
I
I
I
Ü
Ü
Ü
Ü
û
û
û
û ¢
¢
¢
¢
³
³
³
³ ´
´
´
´

 %
‘
‘
‘
‘
•–
•–
•–
•–


4 
← 


√



4
←




 "  4 
← H:1+= I


√

5 " 
4
H:+1= I←




;

4
←




 " 
4
←8H 9€_8"#)I




 !
4 
←→ 




 "! 4 
←→ H:+1= I







8← J4%4$K




 
4 
←@ @8‚:;[898ƒ„ 9
√
√
√

( 
4
←@ @8‚:;[898ƒ„ 9
√
√
√

 
4 
←@ 8‚:;[898ƒ„ 9
√
√
√

 
4
← @8‚:;[898ƒ„ 9
√
√
√

 "
4
H:+1=  I← H:+1=  I@ 8  ‚:; [ 8 9 8ƒ „
9
√
√
√

, 
4
←@8‚:;[898ƒ„ 9
√
√
√

 "
4 
←& &8‚:;…898ƒ„ 9
√
√
√

; "
4
←& &8‚:;…898ƒ„ 9
√
√
√

 "
4 
←& 8‚:;…898ƒ„ 9
√
√
√

 "
4
←& 8‚:;…898ƒ„ 9
√
√
√

 "
4
←&8‚:;…898ƒ„ 9
√
√
√

 

†‡  ˆ‰  Š‹H!I7  Š‹HI
√




#
4 
 8 ←L 8 Œ  Ž3  ‘R  ’ “  8”
‘R’“  8•<=– —˜


√

 
4 
←+13 


√

= 
4
←+13 


√

 
4
←+13


√

? 
4 
←?* 


√

 
4
←?* 


√

 
4
←?*


√

 
4 
←F?* 


√

 
4
←F?* 


√

 
4
←F?*


√

 '

H: :8::I← H::8: :I




 ' 

H: :8::I← H::8: :I




 

← 
√



  

← 
√



 #

←# 
√



; # 

←# 
√



 #

←




 "#
:
:←




 "
:
:←




 ""#
:
H:+1= I:←




 ""
:
H:+1= I:←




 






Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com