Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602 Datasheet(PDF) 9 Page - SONiX Technology Company

Part # SN8P1602
Description  8-Bit Micro-Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602 Datasheet(HTML) 9 Page - SONiX Technology Company

Back Button SN8P1602 Datasheet HTML 5Page - SONiX Technology Company SN8P1602 Datasheet HTML 6Page - SONiX Technology Company SN8P1602 Datasheet HTML 7Page - SONiX Technology Company SN8P1602 Datasheet HTML 8Page - SONiX Technology Company SN8P1602 Datasheet HTML 9Page - SONiX Technology Company SN8P1602 Datasheet HTML 10Page - SONiX Technology Company SN8P1602 Datasheet HTML 11Page - SONiX Technology Company SN8P1602 Datasheet HTML 12Page - SONiX Technology Company SN8P1602 Datasheet HTML 13Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
SN8P1602B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 9
Version 1.1
FEATURES
♦
Memory configuration
♦
Two interrupt sources
OTP ROM size: 1K * 16-bit.
One internal interrupt: TC0.
RAM size: 48 * 8-bit.
One external interrupt: INT0.
♦
I/O pin configuration
♦
Four levels stack buffer.
Input only: P0
Bi-directional: P1, P2,
♦
Dual clock system offers four operating modes
Wakeup: P0, P1
External high clock: RC type up to 10 MHz
Pull-up resistors: P0, P1, P2
External high clock: Crystal type up to 16 MHz
External interrupt: P0
Internal low clock: RC type 16KHz(3V), 32KHz(5V)
Normal mode: Both high and low clock active
Slow mode: Low clock only
♦
On chip watchdog timer.
Sleep mode: Both high and low clock stop
♦
One 8-bit timer counters.
Green mode: Periodical wakeup by timer.
♦
Package
♦
57 powerful instructions
Four clocks per instruction cycle
P-DIP18, SOP18, SSOP20.
All of instructions are one word length.
Most of instructions are one cycle only.
Maximum instruction cycle is two.
All ROM area JMP instruction.
All ROM area lookup table function (MOVC)
SELECTION TABLE
Timer
PWM
Wakeup
CHIP
ROM
RAM Stack
TC0
TC1
I/O
Green
Mode Buzzer Pin no.
Package
SN8P1602B
1K*16
48
4
V
-
14
V
-
6
DIP18/SOP18
/SSOP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com