Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602 Datasheet(PDF) 71 Page - SONiX Technology Company

Part # SN8P1602
Description  8-Bit Micro-Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602 Datasheet(HTML) 71 Page - SONiX Technology Company

Back Button SN8P1602 Datasheet HTML 67Page - SONiX Technology Company SN8P1602 Datasheet HTML 68Page - SONiX Technology Company SN8P1602 Datasheet HTML 69Page - SONiX Technology Company SN8P1602 Datasheet HTML 70Page - SONiX Technology Company SN8P1602 Datasheet HTML 71Page - SONiX Technology Company SN8P1602 Datasheet HTML 72Page - SONiX Technology Company SN8P1602 Datasheet HTML 73Page - SONiX Technology Company SN8P1602 Datasheet HTML 74Page - SONiX Technology Company SN8P1602 Datasheet HTML 75Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 76 page
background image
SN8P1602B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 71
Version 1.1
Figure 13-7 Typical Run Mode current (Idd1) vs. Fosc
Figure 13-8 Typical Run Mode current (Idd2) vs. Fosc
(Low Power Disable)
(Low Power Enable)
Figure 13-9 Typical Green Mode current vs. Fosc
Figure 13-10 Typical Green Mode current vs. VDD
(Without Stopping High clock)
(Stop High clock)
Figure 13-11 Typical IOH vs. VDD
Figure 13-12 Typical IOL vs. VDD
0
2
4
6
8
10
2
6
10
14
18
Fosc
MHz
mA
3V
5V
0
2
4
6
8
10
2
6
10
14
18
Fosc
MHz
mA
3V
5V
0.0
1.0
2.0
3.0
4.0
2
6
10
14
18
Fosc
MHz
mA
3V
5V
0
2
4
6
8
10
12
14
16
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD
uA
-14
-12
-10
-8
-6
-4
-2
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD
mA
0
2
4
6
8
10
12
14
16
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com