Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5333IPZ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5333IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5333IPZ Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F5333IPZ Datasheet HTML 1Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 2Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 3Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 4Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 5Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 6Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 7Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 8Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 101 page
background image
MSP430F533x
SLAS721B – AUGUST 2010 – REVISED AUGUST 2012
www.ti.com
Typical applications for this device include analog and digital sensor systems, digital motor control, remote
controls, thermostats, digital timers, hand-held meters, etc.
Family members available are summarized in Table 1.
Table 1. Family Members
USCI
Flash
SRAM
ADC12_A
DAC12_A
Comp_B
Package
Channel A:
Channel B:
Device
Timer_A(1) Timer_B(2)
I/O
(KB)
(KB)
(Ch)
(Ch)
(Ch)
Type
UART,
SPI, I2C
IrDA, SPI
12 ext,
100 PZ,
MSP430F5338
256
18
5, 3, 3
7
2
2
2
12
74
4 int
113 ZQW
12 ext,
100 PZ,
MSP430F5336
128
18
5, 3, 3
7
2
2
2
12
74
4 int
113 ZQW
12 ext,
100 PZ,
MSP430F5335
256
18
5, 3, 3
7
2
2
-
12
74
4 int
113 ZQW
12 ext,
100 PZ,
MSP430F5333
128
10
5, 3, 3
7
2
2
-
12
74
4 int
113 ZQW
(1)
Each number in the sequence represents an instantiation of Timer_A with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_A, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
(2)
Each number in the sequence represents an instantiation of Timer_B with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_B, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
Table 2. Ordering Information(1)
PACKAGED DEVICES(2)
TA
PLASTIC 100-PIN TQFP (PZ)
PLASTIC 113-BALL BGA (ZQW)
MSP430F5338IPZ
MSP430F5338IZQW
MSP430F5336IPZ
MSP430F5336IZQW
–40°C to 85°C
MSP430F5335IPZ
MSP430F5335IZQW
MSP430F5333IPZ
MSP430F5333IZQW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/package.
2
Copyright © 2010–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com