Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5333IPZ Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5333IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5333IPZ Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430F5333IPZ Datasheet HTML 35Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 36Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 37Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 38Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 39Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 40Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 41Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 42Page - Texas Instruments MSP430F5333IPZ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
MSP430F533x
www.ti.com
SLAS721B – AUGUST 2010 – REVISED AUGUST 2012
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
Voltage applied at VCC to VSS
–0.3 V to 4.1 V
Voltage applied to any pin (excluding VCORE, VBUS, V18)(2)
–0.3 V to VCC + 0.3 V
Diode current at any device pin
±2 mA
Storage temperature range, Tstg
(3)
–55°C to 150°C
Maximum junction temperature, TJ
95°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages referenced to VSS. VCORE is for internal device use only. No external dc loading or voltage should be applied.
(3)
Higher temperature may be applied during board soldering according to the current JEDEC J-STD-020 specification with peak reflow
temperatures not higher than classified on the device label on the shipping boxes or reels.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
PMMCOREVx = 0
1.8
3.6
Supply voltage during program execution and flash
PMMCOREVx = 0, 1
2.0
3.6
VCC
programming (AVCC1 = DVCC1 = DVCC2 = DVCC3 =
V
PMMCOREVx = 0, 1, 2
2.2
3.6
DVCC = VCC)
(1) (2)
PMMCOREVx = 0, 1, 2, 3
2.4
3.6
Supply voltage (AVSS1 = AVSS2 = AVSS3 = DVSS1 =
VSS
0
V
DVSS2 = DVSS3 = VSS)
TA = 0°C to 85°C
1.55
3.6
VBAT,RTC
Backup-supply voltage with RTC operational
V
TA = –40°C to 85°C
1.70
3.6
VBAT,MEM
Backup-supply voltage with backup memory retained.
TA = –40°C to 85°C
1.20
3.6
V
TA
Operating free-air temperature
I version
–40
85
°C
TJ
Operating junction temperature
I version
–40
85
°C
CBAK
Capacitance at pin VBAK
1
4.7
10
nF
CVCORE
Capacitor at VCORE
470
nF
CDVCC/
Capacitor ratio of DVCC to VCORE
10
CVCORE
PMMCOREVx = 0,
1.8 V
≤ VCC ≤ 3.6 V
0
8.0
(default condition)
PMMCOREVx = 1,
0
12.0
Processor frequency (maximum MCLK frequency)(3)(4)
2 V
≤ VCC ≤ 3.6 V
fSYSTEM
MHz
(see Figure 1)
PMMCOREVx = 2,
0
16.0
2.2 V
≤ VCC ≤ 3.6 V
PMMCOREVx = 3,
0
20.0
2.4 V
≤ VCC ≤ 3.6 V
(1)
It is recommended to power AVCC and DVCC from the same source. A maximum difference of 0.3 V between AVCC and DVCC can be
tolerated during power up and operation.
(2)
The minimum supply voltage is defined by the supervisor SVS levels when it is enabled. See the PMM, SVS High Side threshold
parameters for the exact values and further details.
(3)
The MSP430 CPU is clocked directly with MCLK. Both the high and low phase of MCLK must not exceed the pulse duration of the
specified maximum frequency.
(4)
Modules may have a different maximum input clock specification. See the specification of the respective module in this data sheet.
Copyright © 2010–2012, Texas Instruments Incorporated
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com