Electronic Components Datasheet Search
  English  ▼

X  

SN761645 Datasheet(PDF) 21 Page - Texas Instruments

Part # SN761645
Description  DIGITAL TV TUNER IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN761645 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN761645 Datasheet HTML 17Page - Texas Instruments SN761645 Datasheet HTML 18Page - Texas Instruments SN761645 Datasheet HTML 19Page - Texas Instruments SN761645 Datasheet HTML 20Page - Texas Instruments SN761645 Datasheet HTML 21Page - Texas Instruments SN761645 Datasheet HTML 22Page - Texas Instruments SN761645 Datasheet HTML 23Page - Texas Instruments SN761645 Datasheet HTML 24Page - Texas Instruments SN761645 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
10
12
14
16
18
20
Band Switch Current (mA)
V
= 5.3 V
CC
V
= 5.0 V
CC
V
= 4.5 V
CC
40MHz
500MHz
40MHz
500MHz
400MHz
900MHz
400MHz
900MHz
SN761645
www.ti.com
SLES262 – SEPTEMBER 2010
TYPICAL CHARACTERISTICS
Band Switch Driver Output Voltage (BS1-BS4)
Figure 33. Band Switch Driver Output Voltage
S-Parameter
Figure 34. VLO, VHI RFIN
Figure 35. UHF RFIN
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): SN761645



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com