Electronic Components Datasheet Search
  English  ▼

X  

SN761645 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN761645
Description  DIGITAL TV TUNER IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN761645 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN761645 Datasheet HTML 9Page - Texas Instruments SN761645 Datasheet HTML 10Page - Texas Instruments SN761645 Datasheet HTML 11Page - Texas Instruments SN761645 Datasheet HTML 12Page - Texas Instruments SN761645 Datasheet HTML 13Page - Texas Instruments SN761645 Datasheet HTML 14Page - Texas Instruments SN761645 Datasheet HTML 15Page - Texas Instruments SN761645 Datasheet HTML 16Page - Texas Instruments SN761645 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
SN761645
www.ti.com
SLES262 – SEPTEMBER 2010
Table 3. RF AGC Start Point
IFOUT LEVEL
MODE
ATP2
ATP1
ATP0
(dBmV)
(mVp-p)
1
0
0
0
114
1417
1
0
0
1
112
1126
1
0
1
0
110
894
1
0
1
1
108
710
1
1
0
0
106
564
1
1
0
1
104
448
1
1
1
0
102
356
1
1
1
1
Disabled
Table 4. Reference Divider Ratio
REFERENCE DIVIDER
MODE
IXD4
RS2
RS1
RS0
RATIO
1
0
0
0
0
96
1
0
0
0
1
112
1
0
0
1
0
128
1
0
0
1
1
256
1
0
1
0
0
512
1
0
1
0
1
320
1
1
0
0
0
24
1
1
0
0
1
28
1
1
0
1
0
32
1
1
0
1
1
64
1
1
1
0
0
128
1
1
1
0
1
80
1
X
1
1
1
Forbidden
Table 5. Charge-Pump Current
CHARGE PUMP CURRENT
MODE
CP2
CP1
CP0
(µA)
1
0
0
0
35
1
0
0
1
70
1
0
1
0
140
1
0
1
1
210
1
1
0
0
280
1
1
0
1
350
1
1
1
0
420
1
1
1
1
Forbidden
Table 6. IF GCA Control
MODE
DISGCA
IF GCA FUNCTION
1
0
IF GCA enabled
1
1
IF GCA disabled
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): SN761645



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com