Electronic Components Datasheet Search
  English  ▼

X  

PLCC-68 Datasheet(PDF) 17 Page - Texas Instruments

Part # PLCC-68
Description  STAR STAR Surface Mount Tape-and-Reel Specification
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLCC-68 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PLCC-68 Datasheet HTML 13Page - Texas Instruments PLCC-68 Datasheet HTML 14Page - Texas Instruments PLCC-68 Datasheet HTML 15Page - Texas Instruments PLCC-68 Datasheet HTML 16Page - Texas Instruments PLCC-68 Datasheet HTML 17Page - Texas Instruments PLCC-68 Datasheet HTML 18Page - Texas Instruments PLCC-68 Datasheet HTML 19Page - Texas Instruments PLCC-68 Datasheet HTML 20Page - Texas Instruments PLCC-68 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
ApplicationTotal System Saving
TLHH8352 – 32
Cost pressures today are forcing many electronics manu-
facturers to automate their production lines Surface mount
technology plays a key role in this cost-savings trend be-
cause
1 The mounting of devices on the PC board surface elimi-
nates the expense of drilling holes
2 The use of pick-and-place machines to assemble the PC
boards greatly reduces labor costs
3 The lighter and more compact assembled products re-
sulting from the smaller dimensions of surface mount
packages mean lower material costs
Production processes now permit both surface mount and
insertion mount components to be assembled on the same
PC board
Automated manufacturers can improve their cost savings by
using Tape-and-Reel for surface mount devices Simplified
handling results because hundreds-to-thousands of semi-
conductors are carried on a single Tape-and-Reel pack (see
the ‘‘Ordering Information’’ section for the exact quantities)
With this higher device count per reel (when compared with
less than 100 devices per rail) pick-and-place machines
have to be re-loaded less frequently and lower labor costs
result
With Tape-and-Reel manufacturers save twiceonce from
using surface mount technology for automated PC board
assembly and again from less device handling during ship-
ment and machine set-up
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com