Electronic Components Datasheet Search
  English  ▼

X  

PLCC-68 Datasheet(PDF) 21 Page - Texas Instruments

Part # PLCC-68
Description  STAR STAR Surface Mount Tape-and-Reel Specification
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLCC-68 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PLCC-68 Datasheet HTML 17Page - Texas Instruments PLCC-68 Datasheet HTML 18Page - Texas Instruments PLCC-68 Datasheet HTML 19Page - Texas Instruments PLCC-68 Datasheet HTML 20Page - Texas Instruments PLCC-68 Datasheet HTML 21Page - Texas Instruments PLCC-68 Datasheet HTML 22Page - Texas Instruments PLCC-68 Datasheet HTML 23Page - Texas Instruments PLCC-68 Datasheet HTML 24Page - Texas Instruments PLCC-68 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Appendix IShort-Form Procurement Specification (Continued)
TAPE DIMENSIONS (32 Millimeter Tape or Greater)
TLHH8352 – 34
WP
F2
EP2
P0
DT
A0
B0
K0
D1
R
PLASTIC CHIP CARRIER IC
PLCC-44
32g 3
240g 1 1425g 1 175g 1 20g 05 40g 1 155g 05 30g 1 180g 1 180g 1 50g 1 205g 05 50
PLCC-68 443g 3 320g 1 2025g 1 175g 1 20g 05 40g 1 155g 05 30g 1 256g 1 256g 1 50g 1 205g 05 50
PLCC-84 443g 3 360g 1 2025g 1 175g 1 20g 05 40g 1 155g 05 30g 1 307g 1 307g 1 50g 1 205g 05 50
Note 1
A0 B0 and K0 dimensions are measured 03 mm above the inside wall of the cavity bottom
Note 2
Tape with components shall pass around a mandril radius R without damage
Note 3
Cavity tape material shall be PVC conductive (less than 105 X Sq)
Note 4
Cover tape material shall be polyester (30–65 grams peel-back force)
Note 5
D1 Dimension is centered within cavity
Note 6
All dimensions are in millimeters
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com