Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602P Datasheet(PDF) 16 Page - SONiX Technology Company

Part # SN8P1602P
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602P Datasheet(HTML) 16 Page - SONiX Technology Company

Back Button SN8P1602P Datasheet HTML 12Page - SONiX Technology Company SN8P1602P Datasheet HTML 13Page - SONiX Technology Company SN8P1602P Datasheet HTML 14Page - SONiX Technology Company SN8P1602P Datasheet HTML 15Page - SONiX Technology Company SN8P1602P Datasheet HTML 16Page - SONiX Technology Company SN8P1602P Datasheet HTML 17Page - SONiX Technology Company SN8P1602P Datasheet HTML 18Page - SONiX Technology Company SN8P1602P Datasheet HTML 19Page - SONiX Technology Company SN8P1602P Datasheet HTML 20Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 16
Revision 1.94
3
3
3 ADDRESS SPACES
PROGRAM MEMORY (ROM)
OVERVIEW
The SN8P1600 provides the program memory up to 1024 * 16-bit (4096 *16-bit for SN8P1604) to be addressed and is
able to fetch instructions through 10-bit wide PC (Program Counter). It can look up ROM data by using ROM code
registers (R, Y, Z).
1-word reset vector addresses
1-word interrupt vector addresses
1K words general purpose area (SN8P1602/1603)
4K words general purpose area (SN8P1604)
5-words reserved area
All of the program memory is partitioned into three coding areas. The 1
st area is located from 00H to 03H(The Reset
vector area), the 2
nd area is a reserved area 04H ~07H, the 3rd area is for the interrupt vector and the user code area
from 0008H to 0FFEH. The address 08H is the interrupt enter address point.
SN8P160
4
SN8P1602/SN8P160
3
ROM
0000H
0000H
Reset vector
User reset vector
0001H
0001H
Jump to user start address
0002H
0002H
Jump to user start address
0003H
0003H
General purpose area
Jump to user start address
0004H
0004H
0005H
0005H
0006H
0006H
0007H
0007H
Reserved
0008H
0008H
Interrupt vector
User interrupt vector
0009H
0009H
User program
.
.
.
.
000FH
000FH
0010H
0010H
0011H
0011H
.
.
.
.
0FFEH
03FEH
General purpose area
End of user program
0FFFH
03FFH
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com