Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602P Datasheet(PDF) 40 Page - SONiX Technology Company

Part # SN8P1602P
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602P Datasheet(HTML) 40 Page - SONiX Technology Company

Back Button SN8P1602P Datasheet HTML 36Page - SONiX Technology Company SN8P1602P Datasheet HTML 37Page - SONiX Technology Company SN8P1602P Datasheet HTML 38Page - SONiX Technology Company SN8P1602P Datasheet HTML 39Page - SONiX Technology Company SN8P1602P Datasheet HTML 40Page - SONiX Technology Company SN8P1602P Datasheet HTML 41Page - SONiX Technology Company SN8P1602P Datasheet HTML 42Page - SONiX Technology Company SN8P1602P Datasheet HTML 43Page - SONiX Technology Company SN8P1602P Datasheet HTML 44Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 40
Revision 1.94
In power-fail condition as Brown-out reset. The reset pin may keep high level but the VDD is low voltage. That makes
the system reset fail and chip error. To connect a diode from reset pin to VDD is a good solution. This circuit can force
the capacitor to release electrical charge and drop the voltage, and solve the error.
GND
VCC
RST
VDD
MCU
VSS
R
20K ohm
C
0.1uF
DIODE
LOW VOLTAGE DETECTOR (LVD) DESCRIPTION
The LVD is a low voltage detector. It detects VDD level and reset the system as the VDD lower than the desired
voltage. The detect level is 2.4V. If the VDD lower than 2.4V, the system resets. The LVD function is controlled by code
option. Users can turn on it for special application like power-fail condition. LVD work with external reset function. They
are OR active.
System Reset
LVD Detect Level
End of LVD Reset
VDD
LVD
The LVD can protect system to work well under Brown-out reset, but it is a high consumptive circuit. In 3V condition,
the LVD consumes about 100uA. It is a very large consumption for battery system, but supports AC system well.
Note: LVD is enabled by code option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com