Electronic Components Datasheet Search
  English  ▼

X  

BYG50D Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYG50D
Description  Controlled avalanche rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYG50D Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYG50D Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYG50D Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BYG50D Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fig.5
Reverse current as a function of junction
Fig. 4 Forward current as a function of forward
Fig.3 Maximum permissible junction temperature
Fig.2
Maximum permissible average forward
Fig.1 Maximum permissible average forward
RATINGS AND CHARACTERISTIC CURVES
BYG50D THRU BYG50M
3 of 3
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
current as a function of tie-point temperature
(including losses due to reverse leakage).
handbook, halfpage
0
160
200
0
2
1
4
3
80
120
40
Ttp (°C)
IF(AV)
(A)
current as a function of ambient temperature
handbook, halfpage
0
160
200
0
0.8
1.2
0.4
2.0
1.6
80
120
40
Tamb (°C)
IF(AV)
(A)
as a function of reverse voltage.
handbook, halfpage
200
Tj
(
°C)
0
400
1200
0
800
VR (V)
40
DG
J
K
M
80
120
160
voltage; maximum values.
handbook, halfpage
0
1.6
2.0
0
4
6
2
10
8
0.8
1.2
0.4
VF (V)
IF
(A)
temperature; maximum values.
handbook, halfpage
200
0
10 3
10
2
10
1
160
120
40
80
(
µA)
I
R
T
j
(
oC)
.
200V-1000V
0.7A-2.1A
Controlled avalanche rectifiers
BYG50D THRU BYG50M



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com