Electronic Components Datasheet Search
  English  ▼

X  

BYG50D Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYG50D
Description  Controlled avalanche rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYG50D Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYG50D Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYG50D Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BYG50D Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
200V-1000V
0.7A-2.1A
Controlled avalanche rectifiers
BYG50D THRU BYG50M
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy
absorption capability
• UL 94V-O classified plastic
package
• Shipped in 12 mm embossed tape.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
BYG50D
−
200
V
BYG50G
−
400
V
BYG50J
−
600
V
BYG50K
−
800
V
BYG50M
−
1000
V
VR
continuous reverse voltage
BYG50D
−
200
V
BYG50G
−
400
V
BYG50J
−
600
V
BYG50K
−
800
V
BYG50M
−
1000
V
IF(AV)
average forward current
averaged over any 20 ms
period; Ttp = 100 °C; see Fig.2
−
2.1
A
averaged over any 20 ms
period; Al2O3 PCB mounting (see
Fig.7); Tamb =60 °C; see Fig.3
−
1.0
A
averaged over any 20 ms
period; epoxy PCB mounting
(see Fig.7); Tamb =60 °C;
see Fig.3
−
0.7
A
IFSM
non-repetitive peak forward current
t = 10 ms half sinewave;
Tj =Tj max prior to surge;
VR =VRRMmax
−
30
A


Similar Part No. - BYG50D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYG50D PHILIPS-BYG50D Datasheet
41Kb / 6P
Controlled avalanche rectifiers
1996 May 24
logo
Zibo Seno Electronic En...
BYG50D ZSELEC-BYG50D Datasheet
145Kb / 2P
1.0A SURFACE MOUNT RECTIFIER
More results

Similar Description - BYG50D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS11 PHILIPS-BAS11 Datasheet
42Kb / 7P
Controlled avalanche rectifiers
1996 Sep 26
BYD11 PHILIPS-BYD11 Datasheet
46Kb / 7P
Controlled avalanche rectifiers
1996 Sep 26
BYD12 PHILIPS-BYD12 Datasheet
49Kb / 8P
Controlled avalanche rectifiers
1998 Dec 03
BYD13 PHILIPS-BYD13 Datasheet
39Kb / 7P
Controlled avalanche rectifiers
1996 May 24
BYG50 PHILIPS-BYG50 Datasheet
41Kb / 6P
Controlled avalanche rectifiers
1996 May 24
BYM56 PHILIPS-BYM56 Datasheet
48Kb / 7P
Controlled avalanche rectifiers
1996 May 24
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
Controlled avalanche rectifiers
1996 Oct 03
logo
Shenzhen Taychipst Elec...
BYD13D TAYCHIPST-BYD13D Datasheet
3Mb / 3P
Controlled avalanche rectifiers
logo
NXP Semiconductors
1N5059 PHILIPS-1N5059 Datasheet
74Kb / 7P
Controlled avalanche rectifiers
1996 Jun 19
logo
New Jersey Semi-Conduct...
BYW54 NJSEMI-BYW54 Datasheet
136Kb / 2P
Controlled avalanche rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com